Electronic Components Datasheet Search
  English  ▼

X  

UPC2710T Datasheet(PDF) 2 Page - NEC

Part # UPC2710T
Description  1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2710T Datasheet(HTML) 2 Page - NEC

  UPC2710T Datasheet HTML 1Page - NEC UPC2710T Datasheet HTML 2Page - NEC UPC2710T Datasheet HTML 3Page - NEC UPC2710T Datasheet HTML 4Page - NEC UPC2710T Datasheet HTML 5Page - NEC UPC2710T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6
PIN
Input Power
dBm
+10
PT
Power Dissipation
mW
2802
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85
°C).
RECOMMENDED
OPERATING CONDITIONS
SYMBOL
PARAMETER
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
UPC2710T, UPC2713T
TEST CIRCUIT
*
* UPC2710T only
UPC2710T
NOISE FIGURE AND
INSERTION GAIN vs. FREQUENCY
UPC2713T
NOISE FIGURE AND
INSERTION GAIN vs. FREQUENCY
CIRCUIT CURRENT vs. VOLTAGE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Supply Voltage, VCC (V)
Operating Temperature, TOP (
°C)
CIRCUIT CURRENT vs. TEMPERATURE
Frequency, f (GHz)
Frequency, f (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com