Electronic Components Datasheet Search
  English  ▼

X  

UPC2745T Datasheet(PDF) 3 Page - NEC

Part # UPC2745T
Description  3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2745T Datasheet(HTML) 3 Page - NEC

  UPC2745T Datasheet HTML 1Page - NEC UPC2745T Datasheet HTML 2Page - NEC UPC2745T Datasheet HTML 3Page - NEC UPC2745T Datasheet HTML 4Page - NEC UPC2745T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
0.3
1.0
3.0
-10
-20
-30
-40
-50
-60
VCC = 1.8 V
VCC = 3.0 V
0.1
0.3
1.0
3.0
0
-10
-20
-30
-40
RLin
RLout
VCC = 1.8 V
VCC = 3.0 V
VCC = 1.8 V
VCC = 3.0 V
RETURN LOSS vs. FREQUENCY
Frequency, f (GHz)
ISOLATION vs. FREQUENCY
Frequency, f (GHz)
-2.0
-4.0
-6.0
-8.0
0
1000
2000
3000
P1dB
PSAT
VCC = 3.0 V
ICC = 7.5 mA
Frequency, f (MHz)
Psat
P1dB
0
1000
2000
3000
-8
-12
-16
-20
VCC = 1.8 V
ICC = 4.5 mA
Frequency, f (MHz)
-50
-40
-30
-20
-10
0
10
0
-10
-20
-30
-40
f = 500 MHZ
VCC = 3.0 V
VCC =2.7V
VCC = 3.3 V
VCC = 1.8 V
OUTPUT POWER vs. INPUT POWER
AND VOLTAGE
Input Power (dBm)
-50
-40
-30
-20
-10
0
10
0
-10
-20
-30
-40
f = 500 MHZ
VCC = 3.0 V
TA = +85˚ C
TA = +25˚ C
TA = -40˚ C
TA = +25˚ C
TA = -40˚ C
TA = +85˚ C
Input Power, PIN (dBm)
OUTPUT POWER vs. INPUT POWER
AND TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
UPC2745T
OUTPUT POWER vs. FREQUENCY
OUTPUT POWER vs. FREQUENCY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com