Electronic Components Datasheet Search
  English  ▼

X  

78S40 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 78S40
Description  Universal Switching Regulator Subsystem
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

78S40 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  78S40 Datasheet HTML 1Page - National Semiconductor (TI) 78S40 Datasheet HTML 2Page - National Semiconductor (TI) 78S40 Datasheet HTML 3Page - National Semiconductor (TI) 78S40 Datasheet HTML 4Page - National Semiconductor (TI) 78S40 Datasheet HTML 5Page - National Semiconductor (TI) 78S40 Datasheet HTML 6Page - National Semiconductor (TI) 78S40 Datasheet HTML 7Page - National Semiconductor (TI) 78S40 Datasheet HTML 8Page - National Semiconductor (TI) 78S40 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM78S40
Electrical Characteristics (Note 5) (Continued)
T
A = Operating temperature range, VIN = 5.0V, V
+(Op Amp) = 5.0V, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT SWITCH SECTION
h
FE
Output Transistor Current
Gain
I
C = 1.0A, VCE = 5.0V, TA = 25˚C
70
I
L
Output Leakage Current
V
O = 40V, TA = 25˚C
10
nA
POWER DIODE
V
FD
Forward Voltage Drop
I
D = 1.0A
1.25
1.5
V
I
DR
Diode Leakage Current
V
D = 40V, TA = 25˚C
10
nA
COMPARATOR
V
IO
Input Offset Voltage
V
CM = VREF
1.5
15
mV
I
IB
Input Bias Current
V
CM = VREF
35
200
nA
I
IO
Input Offset Current
V
CM = VREF
5.0
75
nA
V
CM
Common Mode Voltage
Range
T
A = 25˚C
0
V
IN–2
V
PSRR
Power Supply Rejection
Ratio
V
IN = 3.0V to 40V, TA = 25˚C
70
96
dB
OPERATIONAL AMPLIFIER
V
IO
Input Offset Voltage
V
CM = 2.5V
4.0
15
mV
I
IB
Input Bias Current
V
CM = 2.5V
30
200
nA
I
IO
Input Offset Current
V
CM = 2.5V
5.0
75
nA
A
VS
+
Voltage Gain
+
R
L = 2.0 kΩ to GND;
25
250
V/mV
V
O = 1.0V to 2.5V, TA = 25˚C
A
VS
−
Voltage Gain
−
R
L = 2.0 kΩ to V
+ (Op Amp)
25
250
V/mV
V
O = 1.0V to 2.5V, TA = 25˚C
V
CM
Common Mode Voltage
Range
T
A = 25˚C
0
V
CC −2
V
CMR
Common Mode Rejection
V
CM = 0V to 3.0V, TA = 25˚C
76
100
dB
PSRR
Power Supply Rejection
Ratio
V
+ (Op Amp) = 3.0V to 40V, T
A = 25˚C
76
100
dB
I
O
+
Output Source Current
T
A = 25˚C
75
150
mA
I
O
−
Output Sink Current
T
A = 25˚C
10
35
mA
SR
Slew Rate
T
A = 25˚C
0.6
V/µs
V
OL
Output Voltage LOW
I
L = −5.0 mA, TA = 25˚C
1.0
V
V
OH
Output Voltage High
I
L = 50 mA, TA = 25˚C
V + (Op
V
Amp) −
3V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when ordering the device
beyond its rated operating conditions.
Note 2: TJ Max = 150˚C for the Molded DIP, and 175˚C for the Ceramic DIP.
Note 3: Ratings apply to ambient temperature at 25˚C. Above this temperature, derate the 16L-Ceramic DIP at 10 mW/˚C, and the 16L-Molded DIP at 8.3 mW/˚C.
Note 4: For supply voltages less than 30V, the absolute maximum voltage is equal to the supply voltage.
Note 5: A military RETS specification is available on request. At the time of printing, the LM78S40 RETS specification complied with the Min and Max limits in this
table. The LM78S40J may also be procured as a Standard Military Drawing.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com