Electronic Components Datasheet Search
  English  ▼

X  

TCA440 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TCA440
Description  AM - Receiver Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCA440 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TCA440 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCA440 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin configuration
1
RF prestage, input 1
9
input IF control amplifier
2
RF prestage, input 2
10
indicator output IF control amplifier
3
RF control amplifier input
11
IF blocking
4
oscillator circuit pin 1
12
input lF amplifier
5
oscillator circuit pin 2
13
IF blocking
6
oscillator circuit pin 3
14
supply voltage
7
IF output
15
mixer output 1
8
ground
16
mixer output 2
Block diagram
OSCILLATOR
VCC
6
MIXER
PRE-
STAGE
STABILISATION
1st IF
STAGE
2nd IF
STAGE
3rd IF
STAGE
4th IF
STAGE
IF GAIN
CONTROL
IF FILTER
5
4
815
12
11
13
10
9
7
14
16
3
1
2
HF - CIRCUIT
VCC
TUNING
INDICATOR
AF
3.5V
3.5V
VCC
IF REQUIRED
5678
34
12
9
10
11
12
13
14
15
16
9.9
± 0.1
0.42
1.27
≤ 0.7
≥ 0.3
3.9
± 0.1
6.0
± 0.2
0.25 M
0.15
+ 0.07
- 0.06
TCA 440 T • SOP 16
2
12/95
TCA 440 / T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com