| Electronic Components Datasheet Search |
|
39207 Datasheet(PDF) 6 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
39207 Datasheet(HTML) 6 Page - TE Connectivity Ltd |
|
6 / 10 page ![]() 408-1559 Rev U 6 of 10 4. INSULATION CRIMP ADJUSTMENT The insulation crimp section of the hand tool has three positions: 1 (tight), 2 (medium), and 3 (loose) to adjust the wire insulation crimp grip. To adjust the insulation grip, proceed as follows: 4.1. PIDG Terminals and Splices and PIDG FASTON Receptacles NOTE PIDG terminals and splices feature a wire insulation “grip”. 1. Insert the insulation crimp adjustment pins into Position 3. Refer to Figure 1. CAUTION Make sure that both insulation crimp adjustment pins are in the same position. 2. Place a terminal or splice into the tool jaws as shown in Figure 4 or Figure 5. 3. Insert UNSTRIPPED wire into ONLY the insulation barrel of the terminal or splice. 4. Close the tool handles to complete the crimp. 5. Remove the crimped terminal or splice and check the insulation crimp by bending the wire back and forth once. The terminal or splice should retain its grip on the wire insulation. If the wire pulls out, set BOTH insulation crimp adjustment pins to the next higher position (2). 6. Perform another crimp, and repeat the adjustment as necessary until the correct insulation grip is attained. DO NOT use a tighter setting than required. 4.2. PLASTI-GRIP Terminals and Splices NOTE PLASTI-GRIP terminals and splices feature a wire insulation “support”. The terminal or splice insulation should ideally be in contact with the wire insulation. Set the insulation crimp adjustment pins into position according to the following: — 3 for wire having a large insulation diameter — 2 for wire having a medium insulation diameter — 1 for wire having a small insulation diameter CAUTION Make sure that both insulation crimp adjustment pins are in the same position. 5. MAINTENANCE AND INSPECTION Hand crimping tools are inspected before shipment. The tool received should be inspected immediately upon arrival to ensure that the tool has not been damaged during shipment, and that it performs according to the criteria described in this sheet. If a tool is damaged upon arrival, retain the shipping container, file a claim with the carrier, and notify TE immediately. 5.1. Daily Maintenance 1. Remove dust, moisture, and other contaminants from the tool with a clean brush or a soft, lint-free cloth. DO NOT use objects that could damage the tool. 2. Make sure that the proper retaining pins are in place and are secured with the proper retaining rings. 3. Make certain that all pins, pivot points, and bearing surfaces are protected with a THIN coat of any good SAE 20 motor oil. DO NOT oil excessively. 4. When the tool is not in use, keep the handles closed to prevent objects from becoming lodged in the crimping areas and store the tool in a clean, dry area. 5.2. Periodic Inspection Regular inspections should be performed by quality control personnel. A record of scheduled inspections should remain with the tool or be supplied to supervisory personnel responsible for the tool. Though |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |