Electronic Components Datasheet Search
  English  ▼

X  

P40250121 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P40250121
Description  National Institute of Standards and Technology (NIST) traceable, field-replaceable sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P40250121 Datasheet(HTML) 2 Page - Amphenol Corporation

  P40250121 Datasheet HTML 1Page - Amphenol Corporation P40250121 Datasheet HTML 2Page - Amphenol Corporation P40250121 Datasheet HTML 3Page - Amphenol Corporation P40250121 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Enhanced Field Serviceability
HumiTracfeaturesaNationalInstituteofStandards
andTechnology(NIST)traceable,field-replaceable
sensortipmodulethatallowstheendusertoreplace
thesensoron-sitewhilemaintaining±2%RHaccuracy
andNISTtraceability.Theusersimplypowersoffthe
unit,installsthenewsensormoduleandpowersback
theunit.Allnecessarycalibrationconstantsarestored
inthememoryofthesensormoduleanduploadedto
thetransmitterinstantly.Thisvirtuallyeliminatesthe
needfortimeconsumingandcostlyfactorycalibration,
whilereducingdowntimeduringserviceintervalsto
nearzero.
Unsurpassed Sensor Performance
HumiTracutilizesaruggedcapacitivesensorthat
providesfull-scale0-100%RHmeasurementwith
unsurpassedresponsetimes,linearityandstability.
Recoverytocondensationandchemicalsisexcellent
andanintegratedfilter,plusconformal-coatedmodule
electronicsensurelonglife.Allsensorsundergoaten
hourdigitalcalibration,certifiedagainstaprimaryNIST
referencestandard.Signalconditionedtemperature
versionsmaintainspecifiedRHaccuracyacrossthefull
operatingrangeof-40°Fto140°F(-40°Cto60°C).
Maximum Flexibility
HumiTracisdesignedtobehighlyconfigurableinthe
fieldorinyourwarehouse.Byminimizingthenecessary
numberofconfigurations,Telairereducesdistributor
inventorycostsandprovidesmaximumflexibilitytothe
installer.Allversionsfeaturefield-selectableoutputs
(0to5V,0to10V,4to20mA)andpassivetemperature
versionsincorporatebotha3Kand10KWthermistor.
Simpleadjustmentofslideswitchesisallthatis
required.Signal-conditionedtemperatureversions
areavailablescaledfrom32°Fto122°F(0°Cto50°C)
or-40°Fto140°F(-40°Cto60°C).Customrangesare
availableuponrequestforhighvolumeapplications.
HumiTracisavailableinhumidityaccuraciesof±2%,
±3%or±5%,andofferedinwallmount,ductmount
andoutdoorairconfigurations.
Rugged, Attractive Enclosures
AllHumiTracconfigurationsfeatureruggedflame
retardant,UL-94VABSplastic.Ductandoutdoorair
versionsprovideexcellentweatherresistance(IP42
rated).Specialcarehasbeentakeninthedesign
ofthewallmountenclosuretoprovideenhanced
airflow,increasingsensorresponsetimeandvirtually
eliminatingthepotentialof“self-heating”bytransmitter
electronicsthatcanleadtodecreasedaccuracy
measurements.
Simple, Fast Installation
AllHumiTracmodelsfeaturelargeremovable,
pluggableterminalblocks,eliminatingtheneedto
wireinaconfinedspaceandallowtheunittobepre-
wiredseparatefromtheelectronics—anespecially
attractivefeatureinunfinishedconstruction,where
exposedsensorsandelectronicscouldbedamagedby
moisture,drywalldustandpaint.Allmodelsincorporate
aretainingwirethatattachesthecovertothebase,
allowingtheinstallertowiretheunitwithoutusingan
extrahandtoholdthecover.
Lowest Cost of Ownership
Withatwo-yearwarranty*,simplifiedinventory
management,reducedinstallationtimesandfield-
serviceability,HumiTracsetsthestandardinreduced
costofownershipandperformance-to-priceratio.
*Transmitter only, one year warranty on replaceable sensor.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com