Electronic Components Datasheet Search
  English  ▼

X  

P1905 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P1905
Description  Harsh media compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P1905 Datasheet(HTML) 2 Page - Amphenol Corporation

  P1905 Datasheet HTML 1Page - Amphenol Corporation P1905 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AAS-920-686A - 11/2016
www.amphenol-sensors.com
© 2016 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or trademarks of
their respective owners.
Amphenol
Advanced Sensors
P1905 Specifications
Parameter
Value
Units
Notes
General
Pressure Range
0...100 to
0...300
PSIA
Max. Overpressure
600
PSIA
Backside Burst Pressure >4000
PSI
6
Electrical @ 25°C Unless Noted
Excitation (DC)
1
5
mA
Volt
10VDC
Max.
Bridge Resistance
5000 ± 20%
Ω
Environmental
Temperature Range
Operating
-40° to 150°
°C
2
Storage
-55° to 160°
°C
Mechanical
Dimensions
1.93 x 1.93 x
1.64
mm
L x W x H
Bond Pad Dimensions
0.10 x 0.10
mm
L x W
Media Compatibility
Media compatible with silicon and
borosilicate glass.
Performance Parameters (1)
Value
Units
Notes
Zero Offset
± 10
mV/V
Sensitivity
0.107 ± 0.030 mV/V/psi
3
Pressure Linearity
± 0.2
% Span
4
Pressure Hysteresis
± 10
µV/V
5, 6
Temp. Coefficient of Zero 0.5 ± 3
µV/V/C
5, 6
Temp. Coefficient of
Resistance
0.27
%/C
5, 6
Temp. Coefficient of
Sensitivity
-0.19
%/C
5, 6
Thermal Hysteresis of
Zero
± 25
µV/V
5, 6
1. All values measured at 25ºC and 5 V excitation, unless otherwise
noted. Samples from each wafer are used to verify bridge resistance,
offset, span, linearity and die performance in the temperature range
between 0ºC and 70ºC.
2. Backside burst pressure and operating temperature for sensor utilizing
P1905 die can be lower than corresponding parameters for the die.
3. Typical span is equal to 160 mV at 300 psi.
4. Best fit straight line.
5. Between 0ºC and 70ºC.
6. Typical value.
Shipping and Handling
All wafers are shipped in protective containers. The
wafers are sawn on sticky tape. All wafers are electrically
probed and visually inspected. Electrical and visual rejects
are marked with ink dots. Each wafer has the following
information: part number, lot number, wafer number, and
the number of good parts.
Warrants
NovaSensor® warrants its products against defects in
material and workmanship for 12 months from the date
of shipment. Products not subjected to misuse will be
repaired or replaced. NovaSensor reserves the right to
make changes without further notice to any products
herein. NovaSensor makes no warranty, representation or
guarantee regarding the suitability of its products for any
particular application. NovaSensor does not assume any
liability arising out of the application or use of any product
or circuit and specifically disclaims, and all liability, with-
out limitation consequential or incidental damages. The
foregoing warranties are exclusive and in lieu of all other
warranties, whether written, oral, implied or statutory. No
implied statutory warranty of merchantability of fitness for
a particular purpose shall apply.
P1905 Wire Bond
Diagram
Notes:
Five (5) wire bonds are required.
Both +IN and +IN SUB need to be connected
to the highest potential in the circuitry.
- OUT
+ IN
+ IN SUB
+ OUT
- IN
P1905 Schematic
Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com