Electronic Components Datasheet Search
  English  ▼

X  

51313 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 51313
Description  High reliability, solid state silicon pressure sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

51313 Datasheet(HTML) 1 Page - Amphenol Corporation

  51313 Datasheet HTML 1Page - Amphenol Corporation 51313 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1300 Low Pressure
Sensor Die
Silicon Pressure Sensor Die
Features
• Highreliability,solidstatesiliconpressuresensors
• Standardpressureranges:2.5kPa(0.3psi)and
7kPa(1psi)
• 5XOverpressureLimit
Applications
• Processcontrolsystems
• HVAC
• Cabinpressure,respirators
Amphenol
Advanced Sensors


Similar Part No. - 51313

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
513101B02500G AAVID-513101B02500G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
513101B02500G AAVID-513101B02500G Datasheet
8Mb / 116P
How to Use This Catalog
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
513102B02500G AAVID-513102B02500G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
513102B02500G AAVID-513102B02500G Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - 51313

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
Solid State Pressure Sensors
logo
Amphenol Corporation
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
Solid state, high reliability
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
High reliability, solid state silicon pressure sensors
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
Highly reliable, solid state silicon pressure sensors
P122 AMPHENOL-P122 Datasheet
50Kb / 2P
High reliability, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com