Electronic Components Datasheet Search
  English  ▼

X  

P162 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P162
Description  NovaSensor 2.5F Medical Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P162 Datasheet(HTML) 1 Page - Amphenol Corporation

  P162 Datasheet HTML 1Page - Amphenol Corporation P162 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P162
NovaSensor 2.5F Medical Silicon
Gage Pressure Sensor Die
Features
• Very small size
• Gage pressure sensing
• Standard pressure range –50 to 300 mmHg
Gage
• AC or DC excitation
• 4000 mmHg burst limit
• Wafer location marked on every die for
traceability
• Tight control of sensitivity
Applications
• IUP
• Intracranial
• Disposable Pressure Catheters
- Intrauterine
- Intracranial
- Body
NovaSensor’s P162 piezoresistive pressure sensor die
is offered in a miniature 1150 x 725 mm die that is small
enough for three French catheters.
The small die size is made possible by NovaSensor’s
proprietary Silicon Fusion Bonding (SFB) process. When
excited with an AC or DC voltage source, the P162
produces a mV output that is proportional to input
pressure.
The P162 is in a halfbridge design, where external
resistors are needed to complete a full bridge
configuration.
Amphenol
Advanced Sensors


Similar Part No. - P162

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P162 TTELEC-P162 Datasheet
740Kb / 7P
17 mm Single Gang Potentiometer with Rotary Switch
06/2019
logo
Tripp Lite. All Rights ...
P162-000 TRIPPLITE-P162-000 Datasheet
157Kb / 2P
DVI Coupler Gender Changer (F/F)
P162-000 TRIPPLITE-P162-000 Datasheet
421Kb / 2P
DVI Coupler Gender Changer (F/F)
P162-000. TRIPPLITE-P162-000. Datasheet
421Kb / 2P
DVI Coupler Gender Changer (F/F)
P162-000 TRIPPLITE-P162-000_V01 Datasheet
421Kb / 2P
DVI Coupler Gender Changer (F/F)
More results

Similar Description - P162

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
NPP-301 MICROCHIP-NPP-301_06 Datasheet
538Kb / 4P
NovaSensor Surface Mount Pressure Sensor
2006 GE
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
NovaSensor Disposable Medical Pressure Sensors
logo
FSP TECHNOLOGY INC.
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KKAM1 FSP-FSP135-KKAM1 Datasheet
126Kb / 1P
Medical PSU
logo
XP Power Limited
SDM XPPOWER-SDM Datasheet
516Kb / 4P
Medical Approvals
logo
Power System Technology
FAB0105003 PST-FAB0105003 Datasheet
255Kb / 3P
Medical
logo
Murata Manufacturing Co...
935181730410-T3A MURATA1-935181730410-T3A Datasheet
686Kb / 7P
Medical Grade Silicon Capacitor MGSC 0202 1nF BV30
935181730510-T3A MURATA1-935181730510-T3A Datasheet
663Kb / 7P
Medical Grade Silicon Capacitor MGSC 0202 10nF BV30
Rev.2.01
935181732547-T3A MURATA1-935181732547-T3A Datasheet
733Kb / 7P
Medical Grade Silicon Capacitor MGSC 0505 47nF BV30
Rev. 2.01
935181733610-T3A MURATA1-935181733610-T3A Datasheet
667Kb / 7P
Medical Grade Silicon Capacitor MGSC 0605 100nF BV30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com