Electronic Components Datasheet Search
  English  ▼

X  

P122 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # P122
Description  High reliability, solid state silicon pressure sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P122 Datasheet(HTML) 2 Page - Amphenol Corporation

  P122 Datasheet HTML 1Page - Amphenol Corporation P122 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Value
Units
Notes
General
Pressure Range
1700
KPaG
247 psi (17 bar)
3500
KPaA
508 psi (35 bar)
7000
KPaA
1015 psi (70 bar)
17200
KPaA
2495 psi (172 bar)
35000
KPaA
5076 psi (350 bar)
21000
KPaA
3046 psi (210 bar)
Maximum Overpressure
2X
rated pressure
Electrical @ 25°C (77°F) unless otherwise stated
Excitation
1.0
mA
10 VDC Maximum
Input Impedance
5000 ±20%
W
Output Impedance
5000 ±20%
W
Environmental
Temperature Range
Operating
-40 to 257
°F
(-40°C to 125°C)
Storage (undiced)
-67 to 302
°F
(-55°C to 150°C)
Mechanical
Weight
0.00008
lb
(0.04 g)
Media Compatibility
Clean dry air, non-corrosive gases
Performance Parameters (1) Value (5)
Units
Notes
Zero Offset
±50
mV
1
Full Scale Output (FSO)
240 ±35
mV
6, 7
Linearity
±0.25
%FSO
2, 7
Pressure Hysteresis
±0.05
%FSO
7
Temperature Coefficient
±30
mV/V/°C
3, 7
of Zero
3, 7
Temperature Coefficient of
Resistance
0.27
% /°C
3, 7
Temperature Coefficient
of Sensitivity
-0.19
%/°C
3, 7
Thermal Hysteresis of Zero
0.2
%FSO
4, 7
Long Term Stability of FSO
0.2
%FSO
4
Shipping and Handling
Wafers are sawn on sticky tape with plastic rings. All sensor
wafers are electrically probed and visually inspected. Each wafer
will be labeled with the lot, wafer, device number and the number
of available sensor die. Wafers are shipped in protective plastic
containers.
Ordering Information
Part Number
Description
51009
1700 KPaG
51013
1700 KPaA
51003
7000 KPaA
51004
17000 KPaA
51243
21000 KPaA
51005
35000 KPaA
51242
35000 KPaA
51031
70000 KPaA
Minimum Release Quantity: 2 wafers or approximately 1100 die
Warranty
NovaSensor warrants its products against defects in material and
workmanship for 12 months from the date of shipment. Products
not subjected to misuse will be repaired or replaced. NovaSensor
reserves the right to make changes without further notice to any
products herein. NovaSensor makes no warranty, representation
or guarantee regarding the suitability of its products for any
particular application. NovaSensor does not assume any liability
arising out of the application or use of any product or circuit
and specifically disclaims, and all liability, without limitation
consequential or incidental damages. The foregoing warranties
are exclusive and in lieu of all other warranties, whether written,
oral, implied or statutory. No implied statutory warranty of
merchantability or fitness for a particular purpose shall apply.
1. 0 KPaA for absolute sensors, 0 KPaG for differential or gage sensors.
2. Best fit straight line.
3. Typical values between 32°F and 158°F (0°C and 70°C).
4. Typical value over one year.
5. All values measured a 77°F (25°C) and 1 mA excitation, unless otherwise noted.
6. 133 ± 33 mV for 51009 and 51013, 285 ± 35 mV for 51243, 270 ± 35 mV for 51242
7. Not fully tested in production.
Die dimensions: 0.10 in x 0.10 in x 0.07 in (2.5 mm x 2.5 mm x 1.8 mm)
P122 Specifications
AAS-920-256B-06/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors
P122 schematic diagrams
-OUT
-OUT
-IN -IN
+IN
-OUT
+OUT
-IN
-IN
+IN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com