Electronic Components Datasheet Search
  English  ▼

X  

TLC2578 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2578
Description  5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2578 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2578 Datasheet HTML 17Page - Texas Instruments TLC2578 Datasheet HTML 18Page - Texas Instruments TLC2578 Datasheet HTML 19Page - Texas Instruments TLC2578 Datasheet HTML 20Page - Texas Instruments TLC2578 Datasheet HTML 21Page - Texas Instruments TLC2578 Datasheet HTML 22Page - Texas Instruments TLC2578 Datasheet HTML 23Page - Texas Instruments TLC2578 Datasheet HTML 24Page - Texas Instruments TLC2578 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
command period (continued)
Table 1. Command Set (CMR)
SDI Bit D[15:12]
TLC3578 / 2578 COMMAND
TLC3574 / 2574 COMMAND
BINARY
HEX
TLC3578 / 2578 COMMAND
TLC3574 / 2574 COMMAND
0000b
0h
SELECT analog input channel 0
SELECT analog input channel 0
0001b
1h
SELECT analog input channel 1
SELECT analog input channel 1
0010b
2h
SELECT analog input channel 2
SELECT analog input channel 2
0011b
3h
SELECT analog input channel 3
SELECT analog input channel 3
0100b
4h
SELECT analog input channel 4
SELECT analog input channel 0
0101b
5h
SELECT analog input channel 5
SELECT analog input channel 1
0110b
6h
SELECT analog input channel 6
SELECT analog input channel 2
0111b
7h
SELECT analog input channel 7
SELECT analog input channel 3
1000b
8h
Reserved
1001b
9h
Reserved
1010b
Ah
WRITE CFR, the last 12 bits of SDI are written into CFR. This command resets FIFO.
1011b
Bh
SELECT TEST, voltage = (REFP+REFM)/2 (see Note 15)
1100b
Ch
SELECT TEST, voltage = REFM (see Note 16)
1101b
Dh
SELECT TEST, voltage = REFP (see Note 17)
1110b
Eh
FIFO READ, FIFO contents is shown on SDO; (see Note 18)
1111b
Fh
HARDWARE DEFAULT mode, CFR is loaded with 800h
NOTES: 15. The output code = mid-scale code + bipolar zero error
16. The output code = negative full-scale code + negative full-scale error
17. The output code = positive full-scale code + positive full-scale error
18. The TLC3574 and TLC3578, OD [15:2] is conversion result, OD [1:0] don’t care
The TLC2574 and TLC2578, OD [15:4] is conversion result, OD [3:0] don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com