| Electronic Components Datasheet Search |
|
L2000G Datasheet(PDF) 8 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
L2000G Datasheet(HTML) 8 Page - Amphenol Corporation |
|
8 / 11 page ![]() Page 8 of 11 Protimeter Speedy March 2014 7.1 Handling Keep tightly closed in a dry and cool place. Handle and open container with care. Use spark proof tools. Protect against humid air and water. Keep away from sources of ignition. No smoking. 7.2 Storage Calcium carbide must be stored in tightly closed containers in a dry, well ventilated place without sprinkler protection. Exclude possible sources of ignition of acetylene gas. Even traces of humidity will cause liberation of explosive acetylene gas. It should be stored separately from silver, mercury, copper and copper alloys. 8. Exposure Controls/Personal Protection The working operation should be arranged in such a way that formation of dust is reduced to a minimum. Avoid moisture. Provide good ventilation. Respiratory protection: For working operations involving dust formation, use approved dust mask (P2). In case of possible presence of phosphine-, (arsine-) and hydrogen sulphide gas: use combination filter or preferably fresh air mask until control measurements are done. Hand Protection: Rubber gloves Eye protection: Safety goggles, eye flushing facilities Occupational Exposure Standards Long-term Exposure ppm (mg/m3) (8 hour TWA reference period) Short-term Exposure Limit ppm (mg/m3) (15 minute reference period) UK1 USA2 Germ.3 UK USA Germ. Calcium carbide Not stated Acetylene-gas (C2H2) Simple asphyxiant Phosphine-gas (PH3) 0,3 (0,4) 0,3 (0,42) 0,1 (0,15) 1 (1) 1 (1,4) - (-) Arsine-gas (AsH3) 0,05 (0,2) 0,05 (0,16) 0,05 (0,2) - (-) - (-) - (-) Hydrogen sulphide-gas (H2S) 10 (14) 10 (14) 10 (15) 15 (21) 15 (21) - (-) Ammonia (NH3) 25 (18) 25 (17) 50 (35) 35 (27) 35 (24) - (-) Calcium hydroxide (Ca(OH)2)- (5) 1 Environmental Health Series No. 40 (EH 40), The Health and Safety Executive. Occupational Exposure Limits 1984. 2 Threshold Limit Values 1992 - 1993, American Conference of Governmental Industrial Hygienists (ACGIH). 3 List of MAK- and BAT-values. Commission for the investigation of health hazards of chemical components in the work area. Report No. 29. Deutsche Forschungsgemeinschaft. 1993. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |