Electronic Components Datasheet Search
  English  ▼

X  

VTC1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VTC1
Description  High Performance in a 5x7 package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VTC1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VTC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers VTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VTC1 Series
Featuring
•
High Performance in a 5x7 package
•
Tape and Reel
•
Reflow Solderable
•
Low Cost
•
<2.0 mm tall
Frequency Range
10 MHz to 26 MHz
Standard Frequency 10, 12.8, 13, 14.4, 15.36, 16.8, 19.2, 19.44, 19.68, 19.8, 20
Input Voltage
A = 5.0v
B = 3.3v
C = 3.0v
D = 2.8v
Output
0.8 Vp-p min.
Clipped Sinewave
Load
10 Kohms // 10pF
Pulling Range
0 = TCXO, No Control Voltage
1 = ±5ppm
2 = ±8ppm
3 = ±10ppm
Frequency Stability 1 = ±1ppm
B = ±1.5ppm
2 = ±2ppm
C = ±2.5ppm
3 = ±3ppm
D = ±3.5ppm
4 = ±4ppm
5 = ±5ppm
Temperature Range A = 0 to 55°
B = -10 to 60°
C = -20 to 70°
D = -30 to 80 °
E = -40 to 85°
Stability vs. Supply ±0.3ppm max
Aging (typical)
<1.0ppm/year
Current
1.5mA max. (10 to 15 MHz)
2.0mA max. (15 to 20 MHz)
Phase Noise
100 Hz - 110dBc/Hz
(Typical)
1 kHz - 133dBc/Hz
100 kHz - 148dBc/Hz


Similar Part No. - VTC1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
VTC1-B02C-10M00 VECTRON-VTC1-B02C-10M00 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
VITALCONN ELECTRONICS H...
VTC102010052 VITALCONN-VTC102010052 Datasheet
592Kb / 2P
TF PUSH external welding H=1.85 LCP vinyl terminal C5191 external shell stainless steel
REV: A
VTC102010142 VITALCONN-VTC102010142 Datasheet
525Kb / 3P
SD PUSH internal welding H=2.85 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC102010562 VITALCONN-VTC102010562 Datasheet
614Kb / 3P
SD PUSH external welding H=2.85 LCP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - VTC1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-5772 AVAGO-ASDL-5772 Datasheet
194Kb / 5P
High Performance Photodiode in Side Look Package
ASDL-5270 AVAGO-ASDL-5270 Datasheet
193Kb / 5P
High-Performance Photodiode in T-1쩐 Package
ASDL-5770 AVAGO-ASDL-5770 Datasheet
195Kb / 5P
High Performance Photodiode in Side Look Package
ASDL-5771 AVAGO-ASDL-5771 Datasheet
141Kb / 5P
High Performance Photodiode in Side Look Package
logo
Advanced XTAL Products
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM30HP AXTAL-AXIOM30HP Datasheet
55Kb / 2P
High-performance OCXO in CO15 package
2006-06-31
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Lumileds Lighting Compa...
DS179 LUMILEDS-DS179 Datasheet
2Mb / 18P
Unmatched performance in a proven package
PB179 LUMILEDS-PB179 Datasheet
1Mb / 2P
Unmatched performance in a proven package
L1MX-277012V000000 LUMILEDS-L1MX-277012V000000 Datasheet
2Mb / 18P
Unmatched performance in a proven package
20200607
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com