Electronic Components Datasheet Search
  English  ▼

X  

TPS76201 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76201
Description  LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76201 Datasheet(HTML) 3 Page - Texas Instruments

  TPS76201 Datasheet HTML 1Page - Texas Instruments TPS76201 Datasheet HTML 2Page - Texas Instruments TPS76201 Datasheet HTML 3Page - Texas Instruments TPS76201 Datasheet HTML 4Page - Texas Instruments TPS76201 Datasheet HTML 5Page - Texas Instruments TPS76201 Datasheet HTML 6Page - Texas Instruments TPS76201 Datasheet HTML 7Page - Texas Instruments TPS76201 Datasheet HTML 8Page - Texas Instruments TPS76201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPS76201
LOW OUTPUT ADJUSTABLE
ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
SLVS323A – FEBRUARY 2001 – REVISED MAY 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 100 mA, EN = 0 V, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage (10
µA to 100 mA load) (see Note 4)
0.7 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
V
Output voltage (10
µA to 100 mA load) (see Note 4)
0.7 V
≤ VO ≤ 5.5 V,
TJ = –40°C to 125°C
0.97VO
1.03VO
V
Quiescent current (GND current)
EN = 0V,
TJ = 25°C
10
µA < IO < 100 mA
23
µA
()
(see Notes 4 and 5)
EN = 0 V,
TJ = –40°C to 125°C,
10
µA < IO < 100 mA
30
µA
Load regulation
EN = 0 V,
TJ = 25°C
10
µA < IO < 100 mA
12
mV
Output voltage line regulation (
∆VO/VO) (see Note 5)
2.7 V < VI ≤ 10 V,
TJ = 25°C,
See Note 4
0.04
%/V
Output voltage line regulation (
∆VO/VO) (see Note 5)
2.7 V < VI ≤ 10 V,
TJ = –40°C to 125°C, See Note 4
0.1
%/V
Output noise voltage
BW = 300 Hz to 50 kHz, Co = 10 µF,
VO = 0.7 V,
TJ = 25°C
60
µVRMS
Output current limit
VO = 0 V,
See Note 4
350
750
mA
Standby current
EN = VI,
2.7 < VI < 10 V
1
µA
Standby current
TJ = –40°C to 125°C
2
µA
FB input current
FB = 0.666 V
–1
1
µA
High level enable input voltage
2.7 V < VI < 10 V
1.7
V
Low level enable input voltage
2.7 V < VI < 10 V
0.8
V
Power supply ripple rejection
f = 1 kHz,
Co = 10 µF,
TJ = 25°C,
See Note 4
60
dB
Input current (EN)
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 100 mA.
5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com