Electronic Components Datasheet Search
  English  ▼

X  

TSC2100 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2100
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSC2100 Datasheet HTML 17Page - Texas Instruments TSC2100 Datasheet HTML 18Page - Texas Instruments TSC2100 Datasheet HTML 19Page - Texas Instruments TSC2100 Datasheet HTML 20Page - Texas Instruments TSC2100 Datasheet HTML 21Page - Texas Instruments TSC2100 Datasheet HTML 22Page - Texas Instruments TSC2100 Datasheet HTML 23Page - Texas Instruments TSC2100 Datasheet HTML 24Page - Texas Instruments TSC2100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
TSC2100
SLAS378− NOVEMBER 2003
www.ti.com
21
Touch Screen Measurements
The touch screen ADC can be controlled by the host processor or can be self−controlled to offload processing from the
host processor. Bit D15 of REG00H/Page1 sets the control mode of the TSC2100 touch screen ADC.
Conversion Controlled by TSC2100 Initiated at Touch Detect
In this mode, the TSC2100 detects when the touch panel is touched and causes the PINTDAV line to go low. At the same
time, the TSC2100 starts up its internal clock. Assuming the part was configured to convert XY coordinates, it then turns
on the Y drivers, and after a programmed panel voltage stabilization time, powers up the ADC and converts the Y
coordinate. If averaging is selected, several conversions may take place; when data averaging is complete, the Y
coordinate result is stored in the Y register.
If the screen is still touched at this time, the X drivers are enabled, and the process repeats, but measuring instead the X
coordinate, storing the result in the X register.
If only X and Y coordinates are to be measured, then the conversion process is complete. The time it takes to complete
this process depends upon the selected resolution, internal conversion clock rate, averaging selected, panel voltage
stabilization time, and precharge and sense times.
If the pressure of the touch is also to be measured, the process continues in the same way, measuring the Z1 and Z2 values,
and placing them in the Z1 and Z2 registers. As before, this process time depends upon the settings described above.
See the section Conversion Time Calculation for the TSC2100 in this data sheet for timing diagrams and conversion time
calculations.
Conversion Controlled by TSC2100 Initiated by the Host
In this mode, the TSC2100 detects when the touch panel is touched and causes the pen-interrupt signal line to go low. The
host recognizes the interrupt request, and then writes to the ADC control register (D13−D10 REG00H/Page1) to select one
of the touch screen scan functions. The host can either choose to initiate one of the scan functions, in which case the
TSC2100 controls the driver turnons, and wait times (e.g. upon receiving the interrupt the host can initiate the continuous
scan function X−Y−Z1−Z2 after which the TSC2100 controls the rest of conversion). The host can also choose to control
each aspect of conversion by controlling the driver turnons and start of conversions. For example, upon receiving the
interrupt request, the host turns on the X drivers. After waiting for the settling time, the host then addresses the TSC2100
again, this time requesting an X coordinate conversion, and so on.
The main difference between this mode and the previous mode is that the host, not the TSC2100, controls the touch screen
scan functions.
See the section Conversion Time Calculation for the TSC2100 in this data sheet for timing diagrams and conversion time
calculations.
Temperature Measurement
In some applications, such as battery recharging, a measurement of ambient temperature is required. The temperature
measurement technique used in the TSC2100 relies on the characteristics of a semiconductor junction operating at a fixed
current level. The forward diode voltage (VBE) has a well-defined characteristic versus temperature. The ambient
temperature can be predicted in applications by knowing the 25
°C value of the VBE voltage and then monitoring the delta
of that voltage as the temperature changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com