Electronic Components Datasheet Search
  English  ▼

X  

XT49U Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT49U
Description  Resistance Welded Holder Type Crystal Unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT49U Datasheet(HTML) 1 Page - Vishay Siliconix

  XT49U Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 35015
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 16-Apr-03
1
Resistance Welded Holder Type Crystal Unit
XT49U
Vishay Dale
FEATURES
• Low cost
• Industry standard
• Excellent aging
• Wide frequency range
• ‘AT’ cut crystal
The XT49U series is an industry standard AT cut crystal
housed in a HC-49U package. It is our standard resistance
weld type quartz crystal.
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
FO
MHz
1.8432
125
Frequency Tolerance
∆F/FO
at 25°C
ppm
± 10
± 30
± 50
Temperature Stability
TC
ref to 25°C
ppm
± 10
± 30
± 50
Operating Temperature Range
TOPR
°C
- 20
+ 70
Storing Temperature Range
TSTG
°C
- 40
+ 85
Shunt Capacitance
CO
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100VDC
MΩ
500
Drive Level
DL
µW
100
500
Aging
Fa
at 25°C, per year
ppm
- 5.0
+ 5.0
DIMENSIONS in inches [millimeters]
0.403
[10.24] Max
0.192 0.008 [4.88 ± 0.2]
0.435
[11.05] Max
0.183
[4.65] Max
0.500
[12.7] Min
0.150
[3.80] Max
Ø 0.017 ± 0.002 [0.43 + 0.05]
0.530
[13.46] Max
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHZ)
MAX ESR (Ω
Ω
Ω
Ω)
MODE
FREQUENCY RANGE (MHZ)
MAX ESR (Ω
Ω
Ω
Ω)
MODE
1.8432 to 1.999
650
Fundamental
6.000 to 7.999
50
Fundamental
2.000 to 2.999
500
Fundamental
8.000 to 12.999
35
Fundamental
3.000 to 3.499
250
Fundamental
13.000 to 32.000
25
Fundamental
3.500 to 3.999
150
Fundamental
24.000 to 29.999
60
3rd Overtone
4.000 to 4.999
100
Fundamental
30.000 to 79.999
40
3rd Overtone
5.000 to 5.999
80
Fundamental
80.000 to 125.000
90
5th Overtone
ORDERING INFORMATION
XT49U
MODEL
R
OTR
Blank = Standard
R = - 40°C to + 85°C
- 20
LOAD
Blank = Series
- 16 = 16pF
- 20 = 20pF
- 30 = 30pF
- 32 = 32pF
SP
OPTIONS
Blank = Standard
SL = Sleeve
SP = Spacer
4M
FREQUENCY/MHz


Similar Part No. - XT49U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49M VISHAY-XT49M Datasheet
169Kb / 1P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
XT49M VISHAY-XT49M Datasheet
108Kb / 3P
Low Profile SMD Type Crystal Units
19-Mar-10
XT49M VISHAY-XT49M Datasheet
113Kb / 3P
Low Profile SMD Type Crystal Units
13-Jan-2020
XT49M-2020ME2 VISHAY-XT49M-2020ME2 Datasheet
103Kb / 3P
Low Profile SMD Type Crystal Units
18-Oct-07
More results

Similar Description - XT49U

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXE1 VECTRON-VXE1 Datasheet
61Kb / 2P
VXE1 Resistance Welded Crystal
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
Resistance Welded Miniature Crystal Units
18-Oct-07
logo
RSG Electronic Componen...
HC-49U RSG-HC-49U Datasheet
145Kb / 1P
RESISTANCE WELDED HOLDER TYPE CRYSTAL UNITS
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Dubilier
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
logo
Dubilier
DXT49 DUBILIER-DXT49 Datasheet
175Kb / 1P
RESISTANCE WELDED HOLDER
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
All-welded unit construction
logo
TXC Corporation.
9B-SERIES TXC-9B-SERIES Datasheet
1,000Kb / 1P
Resistance welded type crystal units.
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_V01 Datasheet
74Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com