Electronic Components Datasheet Search
  English  ▼

X  

ZSSC1956 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC1956
Description  Intelligent Battery Sensor IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC1956 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC1956 Datasheet HTML 17Page - Integrated Device Technology ZSSC1956 Datasheet HTML 18Page - Integrated Device Technology ZSSC1956 Datasheet HTML 19Page - Integrated Device Technology ZSSC1956 Datasheet HTML 20Page - Integrated Device Technology ZSSC1956 Datasheet HTML 21Page - Integrated Device Technology ZSSC1956 Datasheet HTML 22Page - Integrated Device Technology ZSSC1956 Datasheet HTML 23Page - Integrated Device Technology ZSSC1956 Datasheet HTML 24Page - Integrated Device Technology ZSSC1956 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 215 page
background image
ZSSC1956 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 29, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Timer 1 (Watchdog Timer)
1.3.101. Time interval
1)
WDTI
Programmable
8µ
6553.5
s
1.3.102. Resolution
1)
WDTIRES
Programmable
0.008
100
ms
1)
Not tested in production test; given by design and/or characterization.
2)
Conversion rate depends on chopping and OSR settings.
3)
Full-scale range (FSR) = 1.2V.
4)
For gain setting up to 64.
5)
Minimum input voltage I-ADC = -50mV for gain setting 4, 8, 16.
6)
Gain setting 16 to 512.
7)
Voltage range 7V to 19V.
8)
Valid for gain=4, factory calibrated at gain=4, calibration data stored in OTP.
9)
Error included in total gain error.
10)
Noise can be further reduced by applying averaging.
11)
Valid with no additional series resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com