Electronic Components Datasheet Search
  English  ▼

X  

ZSC31050 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSC31050
Description  Advanced Differential Sensor Signal Conditioner
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31050 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSC31050 Datasheet HTML 1Page - Integrated Device Technology ZSC31050 Datasheet HTML 2Page - Integrated Device Technology ZSC31050 Datasheet HTML 3Page - Integrated Device Technology ZSC31050 Datasheet HTML 4Page - Integrated Device Technology ZSC31050 Datasheet HTML 5Page - Integrated Device Technology ZSC31050 Datasheet HTML 6Page - Integrated Device Technology ZSC31050 Datasheet HTML 7Page - Integrated Device Technology ZSC31050 Datasheet HTML 8Page - Integrated Device Technology ZSC31050 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ZSC31050 Datasheet
© 2017 Integrated Device Technology, Inc.
2
February 13, 2017
ZSC31050 Block Diagram
Gain
Factor
Sensor Bridge
Ext. Temp. Sens.
Analog Front-End (AFE)
MUX
PGA
+
External
Temperature
Sensor
IR_TEMP
VBR
VINP
VINN
Digital Section
Temp. Sens.
Select
ADC Mode
Offset
Shift
SCL
SDA
PCOMP
FIO2
OUT /
OWI
IO1
IO2
PWM
Interfaces
EEPROM
RAM
IN3
Analog
Digital
Interface
Int. Temp. Sensor
DAC
FIO1
SIF
CTRL-REGS
CMC
ADC
Typical Applications:
Consumer Goods
Weight scales
Flow meters
Strain gauges
Load meters
HVAC
Industrial Applications
4-20mA transmitters
Intelligent sensor networks
Process automation
Factory automation
Portable Devices
Altimeters
Blood pressure
monitors
Automotive Sensors *
Oil pressure
Temperature sensing
Strain gauges
* AEC-Q100 qualified
Ordering Information (See section 8 in the data sheet for additional options.)
Product Sales Code
Description
Package
ZSC31050FEB
ZSC31050 Die — Temperature range: -40°C to +150°C
Unsawn on Wafer
ZSC31050FEC
ZSC31050 Die — Temperature range: -40°C to +150°C
Sawn on Wafer Frame
ZSC31050FEG1
ZSC31050 16-SSOP — Temperature range: -40°C to +150°C
Add “-T” for tube or “-R” for reel to sales code
ZSC31050KITV3P1
ZSC31050 SSC Evaluation Kit V3.1: ZSC31050 Evaluation Board, SSC Communication Board, SSC Sensor
Replacement Board, five ZSC31050 16-SSOP samples. Software is downloadable.
ZSC31050MCSV1P1
Modular Mass Calibration System (MSC) V1.1 for ZSC31050: Four Mass Calibration Boards; SSC
Communication Board; four ZSC31050 Mass Calibration Reference Boards, each with a ZSC31050 sample
mounted; 30m 10-wire flat cable; 100 connectors. Software is downloadable.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guarante ed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitab ility of IDT's products for any particular purpose,
an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual
property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of
Integrated Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com