Electronic Components Datasheet Search
  English  ▼

X  

ZSC31015 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSC31015
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSC31015 Datasheet HTML 3Page - Integrated Device Technology ZSC31015 Datasheet HTML 4Page - Integrated Device Technology ZSC31015 Datasheet HTML 5Page - Integrated Device Technology ZSC31015 Datasheet HTML 6Page - Integrated Device Technology ZSC31015 Datasheet HTML 7Page - Integrated Device Technology ZSC31015 Datasheet HTML 8Page - Integrated Device Technology ZSC31015 Datasheet HTML 9Page - Integrated Device Technology ZSC31015 Datasheet HTML 10Page - Integrated Device Technology ZSC31015 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
© 2016 Integrated Device Technology, Inc
7
November 14, 2016
ZSC31015 Datasheet
1
Electrical Characteristics
1.1.
Absolute Maximum Ratings
Note: The absolute maximum ratings are stress ratings only. The device might not function or be operable above
the operating conditions given in section 1.2. Stresses exceeding the absolute maximum ratings might also
damage the device. In addition, extended exposure to stresses above the recommended operating conditions
might affect device reliability. IDT
does not recommend designing to the “Absolute Maximum Ratings.”
Parameter
Symbol
Min
Max
Unit
Analog Supply Voltage
VDD
-0.3
6.0
V
Voltages at Analog I/O
– In Pin
VINA
-0.3
VDD+0.3
V
Voltages at Analog I/O
– Out Pin
VOUTA
-0.3
VDD+0.3
V
Storage Temperature Range (
10 hours)
TSTOR
-50
150
°C
Storage Temperature Range (<10 hours)
TSTOR <10h
-50
170
°C
Note: Also see Table 6.1 regarding soldering temperature and storage conditions.
1.2.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Analog Supply Voltage to Ground
VDD
2.7
5.0
5.5
V
Analog Supply Voltage (with external JFET Regulator)
VSUPP
5.5
7
30
V
Common Mode Voltage
VCM
1
VDD – 1.3
V
Ambient Temperature Range
1), 2)
TAMB
-50
150
C
External Capacitance between VDD and Ground
CVDD
100
220
470
nF
Output Load Resistance to VDD
3)
RL,OUT
5
k
Output Load Resistance to VSS
3),4)
RL,OUT
5
k
Output Load Capacitance
5)
CL,OUT
1
10
15
nF
Bridge Resistance
6),7)
RBR
0.3
100
k
Power-On Rise Time
tPON
100
ms
1)
Note that the maximum EEPROM programming temperature is 85°C.
2)
If buying die, designers should use caution not to exceed maximum junction temperature by proper package selection.
3)
Only needed for Analog Output Mode; not needed for Digital Output Mode. When a pull-down resistor is used as the load resistor, the power loss
detection diagnostic for loss of VSS cannot be assured at RL=5k; RL=10k is recommended for this configuration.
4)
Note: for unlocked devices or during calibration, the minimum value of output load resistance to VSS is 20k
Ω.
5)
Using the output for digital calibration, CL,OUT is limited by the maximum rise time tZAC,rise. See section 1.3.8.
6)
Note: Minimum bridge resistance is a factor if using the Bsink feature. The rds(on) of the Bs
ink transistor is 8 to 10Ω when operating at V
DD=5V. This does
give rise to a ratiometricity inaccuracy that becomes greater with low bridge resistances.
7)
Note: Minimum bridge resistance is important if using certain diagnostic features. It must be at least 0.3k
Ω at V
DD=2.7V and at least 0.6kΩ at VDD=5V for
the Sensor Short Check to function properly. For details, see section 2.6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com