Electronic Components Datasheet Search
  English  ▼

X  

ZOPT2201 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2201 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZOPT2201 Datasheet HTML 11Page - Integrated Device Technology ZOPT2201 Datasheet HTML 12Page - Integrated Device Technology ZOPT2201 Datasheet HTML 13Page - Integrated Device Technology ZOPT2201 Datasheet HTML 14Page - Integrated Device Technology ZOPT2201 Datasheet HTML 15Page - Integrated Device Technology ZOPT2201 Datasheet HTML 16Page - Integrated Device Technology ZOPT2201 Datasheet HTML 17Page - Integrated Device Technology ZOPT2201 Datasheet HTML 18Page - Integrated Device Technology ZOPT2201 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
15
September 2, 2016
3.3
Pin Description
For pin layout and package dimensions, refer to sections 4.1 and 4.2 for the LGA6 and TSV packages respectively.
Table 3.1 Pin Description (LGA6)
Number
Pin Name
I/O Type
Description
1
SCL
IN
I2C serial clock line
2
SDA
IN/OUT
I2C serial data line
3
VDD
SUPPLY
Digital/analog power supply
4
INT
OUT
Interrupt pin
5
GND
GROUND
Digital/analog ground
6
N.C.
-
Not connected
Table 3.2 Pin Description (TSV)
Number
Pin Name
I/O Type
Description
A1
INT
OUT
Interrupt pin
A2
SDA
IN/OUT
I2C serial data line
A3
N.C.
-
Not connected
B1
GND
GROUND
Digital/analog ground
B2
VDD
SUPPLY
Digital/analog power supply
B3
SCL
IN
I2C serial clock line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com