Electronic Components Datasheet Search
  English  ▼

X  

F2932 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F2932
Description  High Reliability SP2T RF Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2932 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F2932 Datasheet HTML 9Page - Integrated Device Technology F2932 Datasheet HTML 10Page - Integrated Device Technology F2932 Datasheet HTML 11Page - Integrated Device Technology F2932 Datasheet HTML 12Page - Integrated Device Technology F2932 Datasheet HTML 13Page - Integrated Device Technology F2932 Datasheet HTML 14Page - Integrated Device Technology F2932 Datasheet HTML 15Page - Integrated Device Technology F2932 Datasheet HTML 16Page - Integrated Device Technology F2932 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
F2932
F2932, Rev 1 05/12/2016
13
High Reliability SP2T RF Switch
PIN DIAGRAM
VDD
1
4
3
2
RFC
GND
GND
VCTL
E.P.
12
9
10
11
RF1
GND
RF2
50Ω
50Ω
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VDD
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
2
VCTL
Controls the selected path when EN is low. Is disabled when EN
is logic high. See Table 1.
3
RFC
RF Common Port. Matched to 50 Ω when one of the 2 RF ports
is selected. If this pin is not 0 V DC, then an external coupling
capacitor must be used.
4, 6, 7, 8, 10,
11, 13, 14, 15,
16
GND
Ground. Also, internally connected to the ground paddle. Ground
this pin as close to the device as possible.
5
EN
EN as a logic low allows VCTL to control the selected switch
path. With EN set to logic high puts the part in all paths off state
and disables the control of VCTL. See Table 1.
9
RF1
RF1 Port. Matched to 50 Ω. If this pin is not 0 V DC, then an
external coupling capacitor must be used.
12
RF2
RF2 Port. Matched to 50 Ω. If this pin is not 0 V DC, then an
external coupling capacitor must be used.
17
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device and into the PCB ground planes. These
multiple ground vias are also required to achieve the specified
RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com