Electronic Components Datasheet Search
  English  ▼

X  

WM8608EFT Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8608EFT
Description  5 TO 7.1 CHANNEL PWM CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8608EFT Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8608EFT Datasheet HTML 38Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 39Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 40Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 41Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 42Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 43Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 44Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 45Page - Wolfson Microelectronics plc WM8608EFT Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
WM8608
Product Preview
w
PP Rev 1.5 March 2004
42
FILTER TYPE 1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter
Passband
0.242
fs
Stopband
0.723
fs
Passband ripple
±0.05
dB
Stopband Attenuation
-60
dB
Group Delay
6
samples
Table 43 Digital Filter 1 Characteristics
The subwoofer filter characteristic is defined in Table 44
FILTER TYPE SUBWOOFER
PARAMETER
SYMBOL
TEST CONDITIONS
-0.1dB
-3dB
UNIT
Sample Rate
32k
2.0
10.7
kHz
44k1
2.7
14.5
kHz
48k
3.0
15.8
kHz
88k2
6.1
32.1
kHz
96k
6.8
34.9
kHz
176k
*
*
kHz
192k
*
*
kHz
Table 44 Subwoofer Filter Characteristic
Note: * indicates no interpolation filters
PCM TO PWM CONVERTER
The PCM to PWM converter converters the Pulse-Code Modulated (PCM) signal into a highly linear
Pulse-Width Modulated (PWM) signal. Table 45 defines the Pulse Repetition Frequency, (PRF),
output clock rate (OBCLK) and minimum pulse width for each supported sampling frequency.
t
PWMP
t
PWMP
t
PWMM
t
PWMM
t
OBCLK
Figure 23 PCM to PWM Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com