Electronic Components Datasheet Search
  English  ▼

X  

WM8727 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8727
Description  24 BIT 192 KHZ STEREO DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8727 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8727 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8727 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
w
WM8727
24-bit 192kHz Stereo DAC
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, April 2004, Rev 4.1
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8727 is a high performance stereo DAC designed
for audio applications such as DVD, home theatre systems,
and digital TV. The WM8727 supports data input word
lengths from 16 to 24-bits and sampling rates up to 192kHz.
The WM8727 consists of a serial interface port, digital
interpolation filters, multi-bit sigma delta modulators and
stereo DAC in a very small 8-pin SOIC package.
The WM8727 supports a 16-24-bit I
2S digital audio
interface.
The WM8727 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players, including supporting
the implementation of 2 channels at 192kHz for high-end
DVD-Audio applications.
FEATURES
•
Stereo DAC
•
Audio Performance
-
98dB SNR (‘A’ weighted @ 48kHz) DAC
-
-84dB THD
•
DAC Sampling Frequency: 8kHz – 192kHz
•
Audio Data Interface Format
-
16-24-Bit I
2S
•
2.7V – 5.5V Supply Operation
•
8-pin SOIC Package
•
Exceeds Dolby Class A Performance Requirements
APPLICATIONS
•
DVD Players
•
Digital TV
•
Digital Set Top Box
BLOCK DIAGRAM
SERIAL
INTERFACE
MUTE
BCKIN
VOUTL
VOUTR
SIGMA
DELTA
MODULATOR
LRCIN
DIN
MUTE
SIGMA
DELTA
MODULATOR
DIGITAL FILTERS
MCLK
LOW
PASS
FILTER
LOW
PASS
FILTER
RIGHT
DAC
LEFT
DAC
GND
VDD
W
WM8727


Similar Part No. - WM8727

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8727GED/RV WOLFSON-WM8727GED/RV Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8727GED/V WOLFSON-WM8727GED/V Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
More results

Similar Description - WM8727

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com