Electronic Components Datasheet Search
  English  ▼

X  

RACG100 Datasheet(PDF) 3 Page - Recom International Power

Part # RACG100
Description  built in active PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACG100 Datasheet(HTML) 3 Page - Recom International Power

  RACG100 Datasheet HTML 1Page - Recom International Power RACG100 Datasheet HTML 2Page - Recom International Power RACG100 Datasheet HTML 3Page - Recom International Power RACG100 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PA-3
REV.: 1/2016
www.recom-power.com
AC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating
-20°C to +60°C
Temperature Coefficient
0.03%/°C
Operating Humidity
non-condensing
20% - 90%, RH max.
Moisture Protection
conformally coated PCB
Operating Altitude
5000m
MTBF
MIL-HDBK-217F, ground benign, +25°C
200 x 103 hours
Derating Graph
Specifications (measured at Ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
RACG100
Series
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
UL General Safety
E196683
UL60950-1
CAN/CSA General Safety
E196683
C22.2 No. 60950-1
Certificate Type (designed to meet)
Standard
IEC/EN General Safety
IEC/EN60950-1
EMC Compliance
Conditions
Standard / Criterion
EMI Standard
internal filter
EN55022, Class B
FCC Part 15, Class B
Harmonic Current
EN61000-3-2, Class A
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Case Material
Aluminium
Package Dimension (LxWxH)
129.0 x 98.0 x 38.0mm
Package Weight
432g typ.
continued on next page
60
70
80
50
40
30
20
10
0
-20
0
20
40
60
50
80
100
Ambient Temperature (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com