Electronic Components Datasheet Search
  English  ▼

X  

RACG150 Datasheet(PDF) 1 Page - Recom International Power

Part # RACG150
Description  Built-in Active PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACG150 Datasheet(HTML) 1 Page - Recom International Power

  RACG150 Datasheet HTML 1Page - Recom International Power RACG150 Datasheet HTML 2Page - Recom International Power RACG150 Datasheet HTML 3Page - Recom International Power RACG150 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PA-1
REV.: 1/2016
www.recom-power.com
AC/DC Converter
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
90VAC
120VDC
264VAC
370VDC
Inrush Current
cold start, 115VAC
cold start, 230VAC
30A
45A
No load Power Consumption
3W
Input Frequency Range
47Hz
63Hz
Set-up time
115VAC
230VAC
3s
2s
Hold-up time
220VAC
18ms
Output Voltage adjust
±10%
Minimum Load
0%
Power Factor
115VAC
230VAC
0.98
0.95
Output Ripple and Noise (1)
0°C to +70°C
-20°C to 0°C
100mVp-p
200mVp-p
continued on next page
Specifications (measured at Ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
Description
These industrial grade power supplies have been designed to give many years of trouble-free life.
Despite their low cost, they use high grade electrolytic capacitors to ensure heavy industry performance
levels, working reliably over an extended temperature and world-wide input voltage range.
The RACG series are more compact than the standard industry size, yet offer higher performance with
full output protection (SCP, OVP, OTP, OLP), active power factor correction and improved input surge,
hold-up time and efficiency ratings. The power supplies can be mounted horizontally or vertically and
are certified to CE, UL and Class B EMC standards. Typical uses are industrial, commercial and high
reliability applications. The RACG series come with a 3 year warranty.
E196683
Features
Regulated
Converters
• Built-in Active PFC
• Efficiency up to 88%
• Isolated Output 3kVAC / 1 min
• SCP, OVP, OLP, OTP Protection
• Operating Temperature Range -20°C to +70°C
• Universal Input 90-264VAC/120VDC-370VDC
150 Watt
Single
Output
RACG150
Selection Guide
Part
nom. Input
Input
Output
Adj. Output
Output
Efficiency
Number
Voltage Range Current max.
Voltge
Voltage
Current max. (@230VAC) typ.
(VAC)
(A)
(VDC)
(VDC)
(A)
(%)
RACG150-12S
100-240
1.9
12
10.8-13.2
12.5
86
RACG150-24S
100-240
1.9
24
21.6-26.4
6.3
87
RACG150-48S
100-240
1.9
48
43.2-52.8
3.2
88
UL60950-1 Certified
Notes:
Note1: Measured @ 20MHz Bandwidth with a 0.1µF capacitor.


Similar Part No. - RACG150

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACG150-12S RECOM-RACG150-12S Datasheet
449Kb / 4P
150 Watt Single Output
RACG150-24S RECOM-RACG150-24S Datasheet
449Kb / 4P
150 Watt Single Output
RACG150-48S RECOM-RACG150-48S Datasheet
449Kb / 4P
150 Watt Single Output
RACG150-S RECOM-RACG150-S Datasheet
449Kb / 4P
150 Watt Single Output
More results

Similar Description - RACG150

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSP500 WALL-PSPSP500 Datasheet
207Kb / 5P
500 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSPSP1000 WALL-PSPSP1000 Datasheet
154Kb / 3P
1000 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
PSQP100 WALL-PSQP100 Datasheet
179Kb / 4P
100 Watt Quad Output Built-In Active PFC Function AC/DC Switching Power Supply
PSSP75 WALL-PSSP75 Datasheet
159Kb / 3P
75 Watt Single Output Built-In Active PFC Function AC/DC Switching Power Supply
logo
Arch Electronics Corp.
ALF100_SERIES ARCH-ALF100_SERIES Datasheet
252Kb / 2P
Bulit-in Active PFC Function, PF>0.95
logo
Recom International Pow...
RACG100 RECOM-RACG100 Datasheet
452Kb / 4P
built in active PFC
logo
Delta Electronics, Inc.
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
Built-in active PFC and up to 90% efficiency
PMF-24V240WCXX DELTA-PMF-24V240WCXX Datasheet
1Mb / 14P
Built-in Active PFC and fan speed control
logo
Bel Fuse Inc.
LDC240 BEL-LDC240 Datasheet
608Kb / 5P
Active PFC
LDC480 BEL-LDC480 Datasheet
598Kb / 4P
Active PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com