Electronic Components Datasheet Search
  English  ▼

X  

RACM40 Datasheet(PDF) 1 Page - Recom International Power

Part # RACM40
Description  Long 5 Year Warranty
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM40 Datasheet(HTML) 1 Page - Recom International Power

  RACM40 Datasheet HTML 1Page - Recom International Power RACM40 Datasheet HTML 2Page - Recom International Power RACM40 Datasheet HTML 3Page - Recom International Power RACM40 Datasheet HTML 4Page - Recom International Power RACM40 Datasheet HTML 5Page - Recom International Power RACM40 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MED-1
REV.: 3/2016
www.recom-power.com
40 Watt
Enclosed &
Open Frame
Case Style
Single Output
AC/DC Converter
Features
Regulated
Converters
• Long 5 Year Warranty
• 2MOPP/250VAC
• Suitable for built in Class II Applications
• Wide Input Voltage Range (85-264VAC)
• Low Leakage Current (<75µA)
• 5000m Operation
• -40°C to +85°C Operating Temperature
RACM40
2MOPP
250VAC
IEC/EN-60601 Certified
ANSI/AAMI ES-60601 Certified
EN-55011
EN-55022
Description
The RACM40 is a compact 3” x 2” high efficiency AC/DC power supply with 2xMOPP safety
approval for medical applications. These space saving enclosed power supplies have an universal input
voltage range (85-264VAC), 4kVAC isolation, require no minimum load and can be used at ambient
temperatures of between -40°C and +85°C. The 5V, 12V, 15V, 24V or 48V output voltages
are fully protected and have tolerances of less than ±0.2% over the entire input
voltage range and less than ±0.5% over the entire load range. The output voltage can be
trimmed over a ±10% range. The RACM40 series is certified to medical safety standard
IEC/ES/EN-60601-1 3rd Edition and feature BF rated outputs with less than 75µA leakage current.
It has a built-in Class B EMI filter and comes with a 5 year warranty.
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage Range
Voltage
Current
typ.
(VAC)
(VDC)
(A)
(%)
RACM40-05S (1,2)
85-264
5
8.0
90
RACM40-12S (1,2)
85-264
12
3.34
92
RACM40-15S (1,2)
85-264
15
2.67
92
RACM40-24S (1,2)
85-264
24
1.67
92
RACM40-48S (1,2)
85-264
48
0.84
93
5 YEAR
warranty
5
E314885
Connections (2)
Case Style (1)
Output Power
Output Voltage
Single
Model Numbering
RACM40- __ S / __-__
Examples:
RACM40-12S
= 12Vout, standard enclosed case
RACM40-48S/OF
= 24Vout, open frame style
RACM40-15S/OF-ST = 15Vout, open frame style with screw terminal connection
Notes:
Note1:
Case Style:
without suffix, standard enclosed case
add suffix “/OF” for open frame style
Note2:
Connections: without suffix, standard connection with connector
with suffix “-ST” connection with screw terminals


Similar Part No. - RACM40

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM40-05S RECOM-RACM40-05S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM40-12S RECOM-RACM40-12S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM40-15S RECOM-RACM40-15S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM40-24S RECOM-RACM40-24S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
RACM40-48S RECOM-RACM40-48S Datasheet
571Kb / 6P
40 Watt Enclosed & Open Frame Case Style Single Output
More results

Similar Description - RACM40

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
Railway-Converter with 3 year Warranty
logo
List of Unclassifed Man...
ZUW1R51215 ETC2-ZUW1R51215 Datasheet
138Kb / 3P
5 year warranty(refer to Instruction Manual)
logo
Recom International Pow...
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
Long 5 Year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
Three year product warranty
logo
fujitsu semiconductor
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
Seven year compressor warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
500W 2 year warranty
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com