Electronic Components Datasheet Search
  English  ▼

X  

REC5A Datasheet(PDF) 3 Page - Recom International Power

Part # REC5A
Description  EMI Class A Without External Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5A Datasheet(HTML) 3 Page - Recom International Power

  REC5A Datasheet HTML 1Page - Recom International Power REC5A Datasheet HTML 2Page - Recom International Power REC5A Datasheet HTML 3Page - Recom International Power REC5A Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +68°C
-40°C to +100°C
Maximum Case Temperature
+105°C
Temperatur Coefficient
±0.05%/°C
Thermal Impedance
20°C/W
Operating Altitude
2000m
Operating Humidity
non-condensing
5% to 95% RH
Pollution Degree
PD3
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+68°C
1546 x 103h
555 x 103h
Specifications measured at Ta= 25°C, nominal input voltage, full load, otherwise noted
REC5A
Series
ECO-3
REV.: 0/2017
www.recom-power.com
100
80
60
40
20
0
-40
0
60
40
20
-20
100
68
120
80
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Notes:
Note4: Meets EMI Class A without external components and Class B with external components.
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736 - pending
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1, 2nd Edition, 2014
Information Technology Equipment, General Requirements for Safety
pending
EN60950-1, 1st Edition , 2006
Audio/video, information and communication technology equipment. Safety
requirements (CB Scheme)
pending
IEC62368, 2nd Edition, 2014
EN62368, 1st Edition, 2014
RoHs 2
RoHS 10/10, 2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics -
Limits and methods of measurement(4)
with external components
EN55022, Class B
ESD Electrostatic discharge immunity test
Radiated, radio-frequency, electromagnetic field immunity test
Fast Transient and Burst Immunity
Surge Immunity
Immunity to conducted disturbances, induced by radio-frequency fields
Power Magnetic Field Immunity
Air ±8kV and Contact ±4kV
3 V/m
±0.5kV
±0.5kV
3 Vr.m.s
50Hz, 1A/m
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
continued on next page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com