Electronic Components Datasheet Search
  English  ▼

X  

REC6A Datasheet(PDF) 4 Page - Recom International Power

Part # REC6A
Description  EMI Class A Without External Components
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC6A Datasheet(HTML) 4 Page - Recom International Power

  REC6A Datasheet HTML 1Page - Recom International Power REC6A Datasheet HTML 2Page - Recom International Power REC6A Datasheet HTML 3Page - Recom International Power REC6A Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REC6A
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 0/2017
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Base
Potting
non-conductive black plastic (UL94V-0)
non-conductive black plastic (UL94V-0)
Silicone (UL94V-0)
Package Dimension (LxWxH)
32.0 x 20.3 x 10.2mm
Package Weight
13g
Dimension Drawing (mm)
3
11
9
2
22
14
16
23
Ø0.5
9*2.54 = 22.86
5.08
2.54
31.8
embossed Logo
Top View
20.3
Bottom View
Top View
Recommended Footprint
3
11
9
2
22
14
16
23
2.54
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 22.7 x 18.3mm
Packaging Quantity
15pcs
Storage Temperature Range
-55°C to +125°C
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Pin Connections
Pin #
function
2, 3
-Vin
9
NC
11
NC
14
+Vout
16
-Vout
22, 23
+Vin
Pin Pitch Tolerance ±0.25 mm
Pin Dimension Tolerance ±0.1mm
Tolerance: X.X ±0.5mm
X.XX ±0.25mm
DC
DC
C1
C2
C3
+Vin
-Vin
MODEL
C1
C2
C3
REC6A-0505SW/H2
47µF/50V
47µF/50V
N/A
REC6A-2405SW/H2
47µF100V
47µF/100V
1000pF/3kV
EMI Filtering according to EN55022 Class B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com