Electronic Components Datasheet Search
  English  ▼

X  

REC7.5 Datasheet(PDF) 1 Page - Recom International Power

Part # REC7.5
Description  1KVDC, 2KVDC and 3kVDC Isolation Options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC7.5 Datasheet(HTML) 1 Page - Recom International Power

  REC7.5 Datasheet HTML 1Page - Recom International Power REC7.5 Datasheet HTML 2Page - Recom International Power REC7.5 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC 7.5
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
71
30
Derating-Graph
(Ambient Temperature)
Selection Guide
7.5 Watt
DIP24 & SMD
Single & Dual
Output
● 7.5W DIP24 Package
● 1KVDC, 2KVDC and 3kVDC Isolation Options
● Approved for Medical Applications (/H)
● UL and EN Safety Approvals
● Continuous Short Circuit Protection
(power limiting)
● 5 Side Shielded Metal Case
● Full SMD design
● 2 Case Style Options
● Remote Pin Option
● Efficiency to 86 %
Features
Regulated
Converters
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
(VDC)
(VDC)
(mA)
(%)
Load (1)
REC7.5-xx3.3SRW/H*/A/M
9-18, 18-36, 36-72
3.3
1800
78
6800µF
REC7.5-xx05SRW/H*/A/M
9-18, 18-36, 36-72
5
1500
79-82
6800µF
REC7.5-xx09SRW/H*/A/M
9-18, 18-36, 36-72
9
833
81-84
6800µF
REC7.5-xx12SRW/H*/A/M
9-18, 18-36, 36-72
12
625
82-85
6800µF
REC7.5-xx15SRW/H*/A/M
9-18, 18-36, 36-72
15
500
83-86
6800µF
REC7.5-xx05DRW/H*/A/M
9-18, 18-36, 36-72
±5
±750
79-82
±2200µF
REC7.5-xx09DRW/H*/A/M
9-18, 18-36, 36-72
±9
±417
81-84
±2200µF
REC7.5-xx12DRW/H*/A/M
9-18, 18-36, 36-72
±12
±312
82-85
±2200µF
REC7.5-xx15DRW/H*/A/M
9-18, 18-36, 36-72
±15
±250
83-86
±2200µF
2:1
xx = 9-18Vin = 12,
xx = 18-36Vin = 24,
xx = 36-72Vin = 48
* add suffix /H1 for 1kVDC Isolation, /H2 for 2kVDC isolation or /H3
for 3kVDC Isolation (not available in H3/A/M/SMD combination)
* add suffix “/SMD” for SMD package, e.g. REC7.5-2405DRW/H1/A/M/SMD
* add suffix “/CTRL” for Remote Pin option
* add suffix „-R“ for Tape and Reel Packaging (only for SMD type available)
e.g. REC7.5-2405DRW/H1/A/M/SMD/CTRL-R
no plastic case is available for REC7.5
Description
EN-60950-1 Certified
EN-60601-1 Certified
UL-60950-1 Certified
The REC7.5-xxxxSRW/DRW-series offer single and dual regulated outputs in a DIP24 package
with 1kV, 2kV or 3kV options and are suitable for higher power industrial or medical
applications. Remote on/off control is possible with the /CTRL option and SMD pinning is
offered with the /SMD option. The converters can deliver 140% rated power for short periods
of time to cope with applications with large capacitive loads or high start up currents.
Refer to Application Notes
E-358085
RoHS
2011/65/EU
6/6
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
483.3
4805
4812
Single
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2409D
2405D
4815D
2412D
Dual
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
E-157
www.recom-power.com


Similar Part No. - REC7.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-1205DRW RECOM-REC7.5-1205DRW Datasheet
80Kb / 2P
7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH1 RECOM-REC7.5-1205DRWH1 Datasheet
80Kb / 2P
7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH1AM RECOM-REC7.5-1205DRWH1AM Datasheet
80Kb / 2P
7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH1AMSMD RECOM-REC7.5-1205DRWH1AMSMD Datasheet
80Kb / 2P
7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH2 RECOM-REC7.5-1205DRWH2 Datasheet
80Kb / 2P
7.5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC7.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15_M RECOM-REC15_M Datasheet
120Kb / 2P
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
RS3-XX3.3S RECOM-RS3-XX3.3S_13 Datasheet
167Kb / 3P
2.1 and 3.1 Wide Input Voltage Ranges 1kVDC,2kVDC and 3kVDC Isolation
logo
List of Unclassifed Man...
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
logo
Recom International Pow...
R0.25E RECOM-R0.25E Datasheet
105Kb / 2P
1kVDC and 2kVDC Isolation Option
RBL RECOM-RBL Datasheet
92Kb / 2P
1kVDC and 2kVDC Isolation Option
logo
Toppower Electronic Tec...
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
logo
Recom International Pow...
REC10M RECOM-REC10M Datasheet
105Kb / 2P
2kVDC and 3kVDC Isolation Options
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
2kVDC And 3kVDC Isolation Options
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com