Electronic Components Datasheet Search
  English  ▼

X  

P20 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # P20
Description  Thermometrics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P20 Datasheet(HTML) 4 Page - Amphenol Corporation

  P20 Datasheet HTML 1Page - Amphenol Corporation P20 Datasheet HTML 2Page - Amphenol Corporation P20 Datasheet HTML 3Page - Amphenol Corporation P20 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
The code number to be ordered may be specif ied as follows:
P
Miniature bead-in-glass thermoprobe structure
Code
Maximum Probe Diameter
20
20 mil
25
25 mil
30
30 mil
Code
Probe Length
AA
0.063 in (1 mm) ±0.015 in (±0.381 mm)
A
0.125 in (3 mm) ±0.032 in (±0.81 mm)
B
0.25 in (6 mm) ±0.05 in (±1 mm)
Code
Material System Code
X
See thermal and electrical properties table
Code
Zero-Power
103
Resistance at 77°F (25°C)**
Code
Toleranc Code Letter
F
±1%
G
±2%
J
±5%
K
±10%
L
±15%
M
±20%
N
±25%
P
±30%
Q
±40%
R
±50%
S
Non standard consult
Thermometrics
P -
____
-
____ - ____
-
____
-
____ Typical model number
*Special tolerances are available on request. Consult Thermometrics for special resistance toler-
ances, non-standard resistances and/or non-standard temperatures.
**The zero-power resistance 77°F (25°C), expressed in Ω, is identified by a three digit code number.
The first two digits represent significant figures, and the last digit specifies the number of zeros to
follow. Example: 10 kΩ = 103.
The standard resistance values are from the 24-value series decade as specified in Military
Standards MS90178.
1.0/1.1/1.3/1.5/1.6/1.8/2.0/2.2/2.4/2.7/3.0
3.3/3.6/3.9/4.3/4.7/5.1/5.6/6.2/6.8/7.5/8.2/9.1
The code number to be ordered may be specif ied as follows:
P
Miniature bead-in-glass thermoprobe structure
Code
Maximum Probe Diameter
60
60 mil
65
65 mil
85
80 mil
100
100 mil
Code
Probe Length (see probe length codes table for restrictions)
B
0.25 in (6 mm) ±0.05 in (±1 mm)
D
0.5 in (12 mm) ±0.063 in (±1 mm)
Code
Material System Code
X
See thermal and electrical properties table
Code
Zero-Power
104
Resistance at 77°F (25°C)**
Code
Toleranc Code Letter
F
±1%
G
±2%
J
±5%
K
±10%
L
±15%
M
±20%
N
±25%
P
±30%
Q
±40%
R
±50%
S
Non standard consult
Thermometrics
P -
____
- ____ - ____
-
____ -
____ Typical model number
*Special tolerances are available on request. Consult Thermometrics for special resistance toler-
ances, non-standard resistances and/or non-standard temperatures.
**The zero-power resistance 77°F (25°C), expressed in Ω, is identified by a three digit code number.
The first two digits represent significant figures, and the last digit specifies the number of zeros to
follow. Example: 100 kΩ = 104.
The standard resistance values are from the 24-value series decade as specified in Military
Standards MS90178.
1.0/1.1/1.3/1.5/1.6/1.8/2.0/2.2/2.4/2.7/3.0
3.3/3.6/3.9/4.3/4.7/5.1/5.6/6.2/6.8/7.5/8.2/9.1
Type P20/25/30
Type P60/65/85/100
AAS-920-327A-04/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com