Electronic Components Datasheet Search
  English  ▼

X  

WM8751L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8751L
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8751L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8751L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8751L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
w
WM8751L
Stereo DAC For Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, August 2006, Rev 4.2
Copyright
©2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8751L is a low power, high quality stereo DAC with
integrated headphone and loudspeaker amplifiers, designed to
reduce external component requirements in portable digital
audio applications.
The on-chip headphone amplifiers can deliver 40mW into a 16
Ω
load. Advanced on-chip digital signal processing performs bass
and treble tone control.
The WM8751L can operate as a master or a slave, with various
master clock frequencies including 12 or 24MHz for USB
devices
or
standard
256fs
rates
like
12.288MHz
and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master clock
without the need for an external PLL.
The WM8751L operates on supply voltages from 1.8V up to
3.6V, although the digital core can operate on a separate supply
down to 1.42V, saving power. Different sections of the chip can
also be powered down under software control.
The WM8751L is supplied in a very small and thin 5x5mm QFN
package, ideal for use in hand-held and portable systems.
FEATURES
•
DAC SNR 98dB, THD -86dB (‘A’ weighted @ 48kHz, 3.3V)
•
On-chip 400mW BTL Speaker Driver (mono)
•
On-chip Headphone Driver
-
40mW output power on 16
Ω / 3.3V
-
SNR 96dB, THD –79dB at 20mW with 16
Ω load
•
Stereo and Mono Line-in mix into DAC output
•
Separately Mixed Stereo and Mono Outputs
•
Digital Tone Control and Bass Boost
•
Low Power
-
Down to 7mW for stereo playback (1.8V / 1.5V supplies)
-
10
µW Shutdown Mode
•
Low Supply Voltages
-
Analogue and Digital I/O: 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
•
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
•
Audio sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1,
48, 88.2, 96kHz generated internally from master clock
•
32-lead QFN package, 5x5x0.9mm size, 0.5mm lead pitch
APPLICATIONS
•
Digital Audio Player
•
MP3 Phone
•
Minidisc Player
BLOCK DIAGRAM


Similar Part No. - WM8751L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750-EV1M WOLFSON-WM8750-EV1M Datasheet
1Mb / 48P
Evaluation Board User Handbook
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BLGEFL WOLFSON-WM8750BLGEFL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750BLGEFL/R WOLFSON-WM8750BLGEFL/R Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8751L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com