Electronic Components Datasheet Search
  English  ▼

X  

MB5408A-DC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MB5408A-DC
Description  8/16-port Modbus Gateway
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB5408A-DC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MB5408A-DC Datasheet HTML 1Page - List of Unclassifed Manufacturers MB5408A-DC Datasheet HTML 2Page - List of Unclassifed Manufacturers MB5408A-DC Datasheet HTML 3Page - List of Unclassifed Manufacturers MB5408A-DC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB5404D-X / MB5404D-Sis-X
MB5408A / MB5408A2-N
MB5416A / MB5416A2-N
900g
3,000g
3,200g
188251 hours / 21.5 years
TBD
TBD
300 ~ 921,600bps
Web Browser, Windows-based Utility
Ethernet (RJ-45 Connector)
Network Protocol
Watch Dog Timer
Real-Time Clock
Serial Port
Serial Interface
Date Rate
Data Bits
Parity Check
Stop Bits
Flow Control
Power Input
Operation Temperature
Storage Temperature
Humidity
Mounting
Dimension (W x H x D) mm
Configuration
Weight
MTBF
Dual 10/100M Fast-Ethernet Auto-detection
Modbus TCP/ASCII/RTU, IPv4, ARP, ICMP, TCP, DHCP Client, SNMP, HTTP, Telnet, RFC2217, NTP, DNS, SMTP, Syslog
Hardware watch dog, auto-reset
External
4-Port
9-Pin D-Sub connectors(MB5404D-X)
5-Pin lockable Terminal Blocks(MB5404D-Sis-X)
8-Port
RJ-45 connectors
16-Port
RJ-45 connectors
5, 6, 7, 8
None, Even, Odd, Space, Mark
1, 2
None, XON/XOFF, RTS/CTS
AC 100 ~ 240V (AC Models) / 24 - 48 VDC (DC Models)
DIN-Rail
Rack mount (1U)
53.4 x 145.7 x 119.9
436 x 43.5 x 200
-20°C ~ 70°C
-40°C ~ 80°C
-40°C ~ 85°C
RS-232/422/485, software selectable. For the different modes supported in each model, refer to the ordering information.
5%~95% non-condensing
Modbus Gateways
Modbus Gateways
MB5404D/MB5408A/MB5408A2-N/MB5416A/MB5416A2-N
DC 9 - 48V, 7-pin TB
Model Name
Specifications
300 ~ 921,600bps (MB5404D-X),
300~230,400bps (MB5404D-X-Sis)
MB5404D-X
MB5404D-Sis-X
Category
Model No.
Specification
MB5408A
MB5408A2-N
MB5416A
MB5416A2-N
US315-12(US-Y)
P/N:50500151120009G
USE315-12(EU-Y)
P/N:50500151120019G
UV315-12(US-LDC)
P/N:50500151120108G
UVE315-12(EU-LDC)
P/N:50500151120118G
2ESDPM-07P
P/N:50707871G
2ESDVM-07P
P/N:50707741G
WMK-B-459
P/N:202EH731000003G
CDK-S-459
P/N:201EH731000005G
RMK-B-718
P/N:202SE641600005G
CBL-RJ45(8P)-DB9(M)-90
P/N:50891781G
CBL-RJ45(8P)-DB9(F)-90-C
P/N:50891971G
GDC-120
P/N:59906861G
ADP-DB9(F)-TB5
P/N:59906231G
Power adapter
Terminal Block
Mounting Kit
Serial Cable
Grounding Cable
DB9 to TB5
Converter
Y-Type (5.08 mm) power adaptor, 100-240VAC input,
1.25A @ 12VDC output, US plug
Y-Type (5.08 mm) power adaptor, 100-240VAC input,
1.25A @ 12VDC output, EU plug
Lockable DC jack (5.5/1.35/9.5 mm) power adaptor, 100-240VAC input,
1.25 A @ 12 VDC output, US plug
Lockable DC jack (5.5/1.35/9.5 mm) power adaptor, 100-240VAC input,
1.25 A @ 12 VDC output, EU plug
7-pin 5.08mm Screw Terminal Block with 180˚ Angle
7-pin 5.08mm Screw Terminal Block with 90˚ Angle
Black metal Wall Mount Kit
Conductive silver metal DIN-Rail Kit
Rack Mount Kit
8-pin RJ45-DB9 Male Cable, 90cm
8-pin RJ45-DB9 Female Cross Over Cable, 90cm
120mm copper woven grounding cable
Female DB9 to Female 3.81mm TB5 Converter
Optional Accessories
(Console)
(MB5404D-X)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com