Electronic Components Datasheet Search
  English  ▼

X  

WM8753 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8753
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8753 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8753 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
15
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 3 Digital Audio Data Timing – Slave Mode
Test Conditions
DCVDD = 1.42V, DBVDD = AVDD = HPVDD = SPKRVDD = PLLVDD = 3.3V, DGND = AGND = PLLGND = 0V, TA = +25
oC,
Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK / VXCLK cycle time
tBCY
50
ns
BCLK / VXCLK pulse width high
tBCH
20
ns
BCLK / VXCLK pulse width low
tBCL
20
ns
LRC / VXFS set-up time to BCLK / VXCLK rising edge
tLRSU
10
ns
LRC / VXFS hold time from BCLK / VXCLK rising edge
tLRH
10
ns
DACDAT / VXDIN hold time from BCLK / VXCLK rising
edge
tDH
10
ns
ADCDAT / VXDOUT propagation delay from BCLK /
VXCLK falling edge
tDD
10
ns
Note:
1.
BCLK / VXCLK period should always be greater than or equal to MCLK / VXCLK period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com