Electronic Components Datasheet Search
  English  ▼

X  

HM85NF232J Datasheet(PDF) 1 Page - Amphenol Corporation

Part # HM85NF232J
Description  Low cost, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HM85NF232J Datasheet(HTML) 1 Page - Amphenol Corporation

  HM85NF232J Datasheet HTML 1Page - Amphenol Corporation HM85NF232J Datasheet HTML 2Page - Amphenol Corporation HM85NF232J Datasheet HTML 3Page - Amphenol Corporation HM85NF232J Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC Leadless
Chips
Thermometrics Thermistors
Features
NTC Type HM
• Low cost, solid state temperature sensor
• Point matched at 77°F (25°C) to ±5% or ±10%
• Suitable for use over range of -112°F to 302°F
(–80°C to 150°C)
• High sensitivity greater than –4%/°C at 77°F
(25°C)
• Suitable for temperature measurement,
control and compensation
• Palladium Silver contacts suitable for soldering
or conductive epoxy bonding
• Sizes from 0.025 in x 0.025 in to 0.085 in x
0.085 in (0.63 mm x 0.63 mm to 2.15 mm x
2.15 mm) available
• Not suitable for immersion in fluids or high
humidity
NTC Type NDU
• Designed for accurate temperature
measurement, control and compensation
• Tight tolerances on resistance and B value
• Operation up to 311°F (155°C) with excellent
stability
• Small body size
• Fast response
• Suitable for automotive, HVAC and white
goods
Amphenol
Advanced Sensors


Similar Part No. - HM85NF232J

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM85N02 HMSEMI-HM85N02 Datasheet
841Kb / 6P
Hard switched and high frequency circuits
HM85N02K HMSEMI-HM85N02K Datasheet
705Kb / 6P
Fully characterized avalanche voltage and current
HM85N80 HMSEMI-HM85N80 Datasheet
510Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM85N90 HMSEMI-HM85N90 Datasheet
545Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM85N95D HMSEMI-HM85N95D Datasheet
611Kb / 7P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM85NF232J

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL-10 AMPHENOL-RL-10 Datasheet
57Kb / 2P
Low cost solid state sensor
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
Low cost solid state sensor
RL-20 AMPHENOL-RL-20 Datasheet
65Kb / 2P
Low cost solid state sensor
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
Low cost solid state sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
Low cost, solid state temperature sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
Low cost, solid state temperature sensor
RL3005-5740-103-SA AMPHENOL-RL3005-5740-103-SA Datasheet
53Kb / 2P
Low cost solid state sensor
RL3504-31.2-73-K AMPHENOL-RL3504-31.2-73-K Datasheet
62Kb / 2P
Low cost solid-state sensor
DC95 AMPHENOL-DC95 Datasheet
127Kb / 4P
Precision, solid state temperature sensor
MC65 AMPHENOL-MC65 Datasheet
53Kb / 4P
Precision, solid state temperature sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com