Electronic Components Datasheet Search
  English  ▼

X  

MBD701 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD701
Description  Silicon Hot-Carrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD701 Datasheet(HTML) 1 Page - ON Semiconductor

  MBD701 Datasheet HTML 1Page - ON Semiconductor MBD701 Datasheet HTML 2Page - ON Semiconductor MBD701 Datasheet HTML 3Page - ON Semiconductor MBD701 Datasheet HTML 4Page - ON Semiconductor MBD701 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 7
1
Publication Order Number:
MBD701/D
MBD701,
MMBD701L,
SMMBD701L
Silicon Hot-Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements. They are also available in a
Surface Mount package.
Features
• Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
• Very Low Capacitance − 1.0 pF @ VR = 20 V
• High Reverse Voltage − to 70 V
• Low Reverse Leakage − 200 nA (Max)
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC Qualified and PPAP
Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward Power Dissipation
@ TA = 25°C
MBD701
MMBD701L, SMMBD701L
Derate above 25
°C
MBD701
MMBD701L, SMMBD701L
PF
280
200
2.8
2.0
mW
mW/
°C
Operating Junction Temperature
Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SOT−23 (TO−236)
CASE 318
STYLE 8
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
1
5H M
G
G
A
= Assembly Location
Y
= Year
W
= Work Week
5H
= Device Code (SOT−23)
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAMS
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE
TO−92 2−Lead
CASE 182
STYLE 1
MBD
701
AYW
G
G
SOT−23
TO−92
SOT−23
TO−92
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
www.onsemi.com


Similar Part No. - MBD701

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD701 MOTOROLA-MBD701 Datasheet
128Kb / 6P
70 VOLTS HIGH.VOLTAGE SILICON HOT.CARRIER DETECTOR AND SWITCHING DIODES
logo
ON Semiconductor
MBD701 ONSEMI-MBD701 Datasheet
89Kb / 4P
SILICON HOT-CARRIER DETECTOR AND SWITCHING DIODES
1997
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701 Datasheet
64Kb / 4P
Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
MBD701 ONSEMI-MBD701 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
More results

Similar Description - MBD701

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com