Electronic Components Datasheet Search
  English  ▼

X  

MBD701G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBD701G
Description  Silicon Hot-Carrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD701G Datasheet(HTML) 2 Page - ON Semiconductor

  MBD701G Datasheet HTML 1Page - ON Semiconductor MBD701G Datasheet HTML 2Page - ON Semiconductor MBD701G Datasheet HTML 3Page - ON Semiconductor MBD701G Datasheet HTML 4Page - ON Semiconductor MBD701G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBD701, MMBD701L, SMMBD701L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mAdc)
V(BR)R
70
−
−
V
Total Capacitance
(VR = 20 V, f = 1.0 MHz) Figure 1
CT
−
0.5
1.0
pF
Reverse Leakage
(VR = 35 V) Figure 3
IR
−
9.0
200
nAdc
Forward Voltage
(IF = 1.0 mAdc) Figure 4
VF
−
0.42
0.5
Vdc
Forward Voltage
(IF = 10 mAdc) Figure 4
VF
−
0.7
1.0
Vdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Device
Package
Shipping†
MBD701G
TO−92
(Pb−Free)
1,000 Units / Bulk
MMBD701LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SMMBD701LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
MMBD701LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com