Electronic Components Datasheet Search
  English  ▼

X  

XC6211 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6211
Description  High Speed LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6211 Datasheet HTML 7Page - Torex Semiconductor XC6211 Datasheet HTML 8Page - Torex Semiconductor XC6211 Datasheet HTML 9Page - Torex Semiconductor XC6211 Datasheet HTML 10Page - Torex Semiconductor XC6211 Datasheet HTML 11Page - Torex Semiconductor XC6211 Datasheet HTML 12Page - Torex Semiconductor XC6211 Datasheet HTML 13Page - Torex Semiconductor XC6211 Datasheet HTML 14Page - Torex Semiconductor XC6211 Datasheet HTML 15Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary
(7) Input Transient Response (Continued)
(8) Load Transient Response
13
XC6211 Series
High Speed LDO Regulator
Low ESR Cap. Compatible, On / Off Switch
0
1
2
3
4
5
6
Time (40usec/div)
2.96
2.98
3.00
3.02
3.04
3.06
3.08
XC6211x302
0
1
2
3
4
5
6
Time (40usec/div)
2.96
2.98
3.00
3.02
3.04
3.06
3.08
XC6211x302
0
1
2
3
4
5
6
Time (40usec/div)
2.96
2.98
3.00
3.02
3.04
3.06
3.08
XC6211x302
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Time (40usec/div)
0
50
100
150
200
250
300
10mA
50mA
XC6211x182
1.4
1.5
1.6
1.7
1.8
1.9
2.0
Time (40usec/div)
0
50
100
150
200
250
300
50mA
100mA
XC6211x182
VIN=2.8V, tr = tf = 5use,
CIN=1uF (ceramics), CL=1uF (ceramics)
Output Voltage
Output Current
VIN=2.8V, tr = tf = 5use,
CIN=1uF (ceramics), CL=1uF (ceramics)
Output Voltage
Output Current
tr = tf = 5use,
CL=1uF (ceramics), IOUT=1mA
Input Voltage
Output Voltage
tr = tf = 5use,
CL=1uF (ceramics), IOUT=10mA
Input Voltage
Output Voltage
tr = tf = 5use,
CL=1uF (ceramics), IOUT=100mA
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com