Electronic Components Datasheet Search
  English  ▼

X  

LM8261M5 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8261M5
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8261M5 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM8261M5 Datasheet HTML 11Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 12Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 13Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 14Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 15Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 16Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 17Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 18Page - National Semiconductor (TI) LM8261M5 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Application Notes: (Continued)
TFT applications:
Figure 8 below, shows a typical application where the
LM8261 is used as a buffer amplifier for the V
com signal em-
ployed in a TFT LCD flat panel:
Figure 9 shows the time domain response of the amplifier
when used as a V
com buffer/driver with VREF at ground. In
this application, the Op Amp loop will try and maintain its out-
put voltage based on the voltage on its non-inverting input
(V
REF) despite the current injected into the TFT simulated
load. As long as this load current is within the range tolerable
by the LM8261 (45mA sourcing and 65mA sinking for +/−5V
supplies), the output will settle to its final value within less
than 2µs.
Output Short Circuit Current and Dissipation Issues:
The LM8261 output stage is designed for maximum output
current capability. Even though momentary output shorts to
ground and either supply can be tolerated at all operating
voltages, longer lasting short conditions can cause the junc-
tion temperature to rise beyond the absolute maximum rat-
ing of the device, especially at higher supply voltage condi-
tions. Below supply voltage of 6V, output short circuit
condition can be tolerated indefinitely.
With the Op Amp tied to a load, the device power dissipation
consists of the quiescent power due to the supply current
flow into the device, in addition to power dissipation due to
the load current. The load portion of the power itself could in-
clude an average value (due to a DC load current) and an AC
component. DC load current would flow if there is an output
voltage offset, or the output AC average current is non-zero,
or if the Op Amp operates in a single supply application
where the output is maintained somewhere in the range of
linear operation. Therefore:
P
total =PQ +PDC +PAC
P
Q =IS ·VS
Op Amp Quiescent
Power Dissipation
P
DC =IO ·(Vr -Vo)
DC Load Power
P
AC = See Table 1 below
AC Load Power
where:
I
s: Supply Current
V
s: Total Supply Voltage (V
+ -V−)
I
o: Average load current
V
o: Average Output Voltage
V
r:V
+ for sourcing and V− for sinking current
Table 1 below shows the maximum AC component of the
load power dissipated by the Op Amp for standard Sinusoi-
dal, Triangular, and Square Waveforms:
TABLE 1. Normalized AC Power Dissipated in the
Output Stage for Standard Waveforms
P
AC (W.Ω/V
2)
Sinusoidal
Triangular
Square
50.7 x 10
−3
46.9 x 10
−3
62.5 x 10
−3
The table entries are normalized to V
s
2/R
L. To figure out the
AC load current component of power dissipation, simply mul-
tiply the table entry corresponding to the output waveform by
the factor V
s
2/R
L. For example, with ±15V supplies, a 600Ω
load, and triangular waveform power dissipation in the out-
put stage is calculated as:
P
AC= (46.9 x 10
−3) · [302/600]= 70.4mW
DS101084-59
FIGURE 7. Output Sinking Characteristics with Load
Lines
DS101084-61
FIGURE 8. V
com driver application schematic
DS101084-65
FIGURE 9. V
com driver performance scope photo
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com