Electronic Components Datasheet Search
  English  ▼

X  

WM9711 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9711
Description  LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9711 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9711 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Production Data
WM9711L
w
PD Rev 4.1 April 2004
15
It is also possible to use the LINEINL and LINEINR pins as a second differential microphone input.
This is achieved by setting the DS bit (register 5Ch, bit 11) to ‘1’. This disables the line-in audio paths
and routes the signal from LINEINL and LINEINR through the differential mic path, as if it came from
the MIC1 and MIC2 pins. Only one differential microphone be used at a time. The DS bit only has an
effect when MS = 01 (differential mode).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14
M12P
1
Mute MIC1 path to phone mixer
1: Mute, 0: No mute (ON)
13
M22P
1
Mute MIC2 path to phone mixer
1: Mute, 0: No mute (ON)
12:8
LMICVOL
01000
(0dB)
Left microphone volume
Only used when MS = 11
Similar to MICVOL
7
20dB
0
Microphone gain boost (Note 1)
1: 20dB boost ON
0: No boost (0dB gain)
Microphone mode select
00
Single-ended mono (left)
left = right = MIC1 (pin 21)
Volume controlled by MICVOL
01
Differential mono mode
left = right = MIC1 – MIC2
Volume controlled by MICVOL
10
Single-ended mono (right)
left = right = MIC2 (pin 22)
Volume controlled by MICVOL
6:5
MS
00
11
: Stereo mode
MIC1 = left, MIC2 = right
Left Volume controlled by LMICVOL
Right volume controlled by MICVOL
0Eh
Mic Volume
4:0
MICVOL
01000
(0dB)
Microphone volume to mixers
00000: +12dB
… (1.5dB steps)
11111: -34.5dB
Reg 5Ch
Additional
Analogue
Functions
8
DS
0
Differential Microphone Select
0 : Use MIC1 and MIC2
1: Use LINEL and LINER (Note 2)
Table 3 Microphone Input Control
Note:
1.
The 20dB gain boost acts on the input to the phone mixer only. A separate microphone
boost for recording can be enabled using the BOOST bit in register 1Ah.
2.
When the LINEL and LINER are selected for differential microphone select then the
MIC1 and MIC2 input pins become disabled, these signals can therefore not be routed
internally to the device.
MICROPHONE BIAS
The MICBIAS output (pin 28) provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. The internal MICBIAS circuitry is
shown below. Note that the maximum source current capability for MICBIAS is 3mA. The external
biasing resistors and microphone cartridge therefore must limit the MICBIAS current to 3mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com