Electronic Components Datasheet Search
  English  ▼

X  

XC9210 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9210
Description  Synchronous Step-Down DC / DC Controller ICs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9210 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9210 Datasheet HTML 1Page - Torex Semiconductor XC9210 Datasheet HTML 2Page - Torex Semiconductor XC9210 Datasheet HTML 3Page - Torex Semiconductor XC9210 Datasheet HTML 4Page - Torex Semiconductor XC9210 Datasheet HTML 5Page - Torex Semiconductor XC9210 Datasheet HTML 6Page - Torex Semiconductor XC9210 Datasheet HTML 7Page - Torex Semiconductor XC9210 Datasheet HTML 8Page - Torex Semiconductor XC9210 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PIN CONFIGURATION
PIN ASSIGNMENT
ORDERING INFORMATION
XC9210
123456
DESCRIPTION
FB Voltage
0.9V
PACKAGE INFORMATION
MSPO-8A
2
XC9210 Series
Synchronous Step-Down DC / DC Controller ICs
6
R
Embossed Tape
Standard Feed
L
5
K
Package
MSOP-8A
3
9
4
2
3
1
B
Standard
2
0
DESIGNATOR
SYMBOL
7
GND
8
EXT 2
5
MODE
6FB
4CE
3
PWM
External Transistor Drive Pin <Connected to High Side of Pch Power MOSFET Gate>
FUNCTIONS
2
VDD
Supply Voltage
PIN NUMBER
PIN NAME
1
EXT 1 /
PWM/PFM Switching Pin <PWM control when connected to VDD, PWM / PFM auto switching when connected
to Ground. >
Chip Enable Pin <Connected to Ground when output is stand-by mode. Connected to VDD when output is
active. EXT/1 is high and EXT2/ is low when in stand-by mode.>
Synchronous / Non-Synchronous Rectification Switching Pin <Synchronous operation when MODE pin and
PWM pin are connected to VDD, Non-Synchronous operation when MODE pin and PWM pin are connected to
Ground. Regardless of MODE pin, Non-Synchronous operation when PWM pin is connected to Ground.
Output Voltage Monitor Feedback Pin <Threshold value : 0.9V. Output voltage can be set freely by connecting
split resistors between VOUT and Ground.>
Ground
External Transistor Drive Pin <Connected to Low side of Nch Power MOSFET Gate>
Switching Frequency
180kHz (custom)
300kHz
Reverse Feed
1 EXT1
2 VDD
3 PW M
FB 6
GND 7
EXT2 8
4 CE
MODE 8
MSOP-8A
(TOP VIEW)
-
3.00 + 0.10
0.30
(0.65)
+0.08
-0.02
0 ~
6
O
0.15
+0.08
-0.02
Semiconductor Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com