Electronic Components Datasheet Search
  English  ▼

X  

XC9213 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9213
Description  Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary
" EXTERNAL COMPONENTS
<Setting of Output Voltage>
VOUT = RFB1 / RFB2 + 1
[ Example of Equation ]
VOUT = 3.0V
RFB1 = 200k
Ω, RFB2 = 110kΩ, CFB = 68pF
VOUT = 220k / 110k + 1 =3.0V
fzfb = 1 / (2 x
π x 68p x 220k ) = 10.64kHz
<External Components>
Tr 1, Tr 2
$ IOUT
= 2 ~ 3A
IRF7313 (Nch x 2) (IR, SO-8)
$ IOUT
= ~10A
SUP70N03-09
(Vishay, TO-220AB)
SUB70N03-09
(Vishay, TO-263)
L:
6.8
µF
(CDH127-6H1, SUMIDA)
SD 1 :
CMS02
(Schottky barrier diode, TOSHIBA)
SD 2 :
CRS02
(Schottky barrier diode, TOSHIBA)
* Please select SD2 with low reverse current.
RSENSE : Current Limit Value = 150mV / RSENSE
ex.) When RSENSE = 30m
Ω,
Current Limit = 150mV / 30m
Ω = about 5A
CPRO :
TPRO = CPRO x 1e6
ex.) When CPRO = 100pF
TPRO = 100e -12 x 1e6 =100
µS
CSS=
TSS = CSS x 3e6
ex.) When CSS = 3300pF,
TPRO = 3300e - 12 x 3e6 = 9.9mS
CBST :
0.1
µF ~ 1µF
* Please adjust according to
reverse current characteristics of SD2.
CVL :
1
µF
CIN :
22
µF
(OS-CON, SANYO)
CL :
150
µF
(OS-CON, SANYO)
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation, based on the
values of RFB1 and RFB2. The sum of RFB1 and RFB2 should normally be 2 M
Ω or less.
The value of CFB1, speed-up capacitor for phase compensation, should be fzfb= 1 / (2
× π × CFB × RFB1) which is equal to 10kHz.
Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and value of load capacity
(CL).
XC9213 Series
Driver Transistor Built-In
Synchronous Step-Down DC/DC Controller Ics
Input Voltage : 25V
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com