Electronic Components Datasheet Search
  English  ▼

X  

CP10.241 Datasheet(PDF) 13 Page - PULS GmbH

Part # CP10.241
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CP10.241 Datasheet HTML 9Page - PULS GmbH CP10.241 Datasheet HTML 10Page - PULS GmbH CP10.241 Datasheet HTML 11Page - PULS GmbH CP10.241 Datasheet HTML 12Page - PULS GmbH CP10.241 Datasheet HTML 13Page - PULS GmbH CP10.241 Datasheet HTML 14Page - PULS GmbH CP10.241 Datasheet HTML 15Page - PULS GmbH CP10.241 Datasheet HTML 16Page - PULS GmbH CP10.241 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
CP10.241, CP10.242, CP10.241-S1
CP-Series
24V, 10A, SINGLE PHASE INPUT
13. FRONT SIDE AND USER ELEMENTS
Fig. 13-1
Front side CP10.241
Fig. 13-2
Front side CP10.241-S1
Fig. 13-3
Front side CP10.242
A
Input Terminals
CP10.241, CP10.242: screw terminals
CP10.241-S1: spring-clamp terminals
N, L
Line input
PE (Protective Earth) input
B
Output Terminals
(two identical + poles and three identical
- poles)
CP10.241, CP10.242: screw terminals
CP10.241-S1: spring-clamp terminals
+
Positive output
–
Negative (return) output
C
Output voltage potentiometer
Open the flap to adjust the output
voltage. Factory set: 24.1V
D DC-OK LED (green)
On, when the output voltage is >90% of
the adjusted output voltage
E
DC-OK Relay Contact
(spring-clamp terminals)
Monitors the output voltage of the
running power supply. See chapter 8 for
details.
Feb. 2016 / Rev. 1.3 DS-CP10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com