Electronic Components Datasheet Search
  English  ▼

X  

CP10.242 Datasheet(PDF) 9 Page - PULS GmbH

Part # CP10.242
Description  SINGLE PHASE INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242 Datasheet(HTML) 9 Page - PULS GmbH

Back Button CP10.242 Datasheet HTML 5Page - PULS GmbH CP10.242 Datasheet HTML 6Page - PULS GmbH CP10.242 Datasheet HTML 7Page - PULS GmbH CP10.242 Datasheet HTML 8Page - PULS GmbH CP10.242 Datasheet HTML 9Page - PULS GmbH CP10.242 Datasheet HTML 10Page - PULS GmbH CP10.242 Datasheet HTML 11Page - PULS GmbH CP10.242 Datasheet HTML 12Page - PULS GmbH CP10.242 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CP10.241, CP10.242, CP10.241-S1
CP-Series
24V, 10A, SINGLE PHASE INPUT
8. DC-OK RELAY CONTACT
This feature monitors the output voltage on the output terminals of a running power supply.
Contact closes
As soon as the output voltage reaches typ. 90% of the adjusted output voltage level.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Contact ratings
max.
60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A
resistive load
min.
1mA at 5Vdc
min. permissible load
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
100ms
0.9* V
ADJ
<
1ms
10%
9/27
open
V
OUT = VADJ
open
closed
closed
>
1ms
Feb. 2016 / Rev. 1.3 DS-CP10.241-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com