Electronic Components Datasheet Search
  English  ▼

X  

ML15.051 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML15.051
Description  5V, 3A, SINGLE PHASE INPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.051 Datasheet(HTML) 1 Page - PULS GmbH

  ML15.051 Datasheet HTML 1Page - PULS GmbH ML15.051 Datasheet HTML 2Page - PULS GmbH ML15.051 Datasheet HTML 3Page - PULS GmbH ML15.051 Datasheet HTML 4Page - PULS GmbH ML15.051 Datasheet HTML 5Page - PULS GmbH ML15.051 Datasheet HTML 6Page - PULS GmbH ML15.051 Datasheet HTML 7Page - PULS GmbH ML15.051 Datasheet HTML 8Page - PULS GmbH ML15.051 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ML15.051
MiniLine-2
5V, 3A, SINGLE PHASE INPUT
POWER SUPPLY
100-240V Wide Range Input
NEC Class 2 Compliant
Adjustable Output Voltage
Efficiency up to 77.2%
Compact Design, Width only 22.5mm
Full Output Power Between -10°C and +60°C
Large International Approval Package
3 Year Warranty
1/22
GENERAL DESCRIPTION
A compact size, light weight, simple mounting onto the
DIN-rail and the utilization of only quality components
are what makes the MiniLine power supplies so easy to
use and install within seconds.
A rugged electrical and mechanical design as well as a
high immunity against electrical disturbances on the
mains provides reliable output power. This offers
superior protection for equipment which is connected
to the public mains network or is exposed to a critical
industrial environment.
The MiniLine series offers output voltages from 5 to
56Vdc and a power rating from 15W to 120W.
SHORT-FORM DATA
Output voltage
DC 5V
Adjustment range
5 – 5.5V
Output current
3A at 5V
Output power
15W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
-15% / +10%
Mains frequency
50-60Hz
±6%
AC Input current
0.28 / 0.17A
at 120 / 230Vac
Power factor
0.51 / 0.44
at 120 / 230Vac
AC Inrush current
typ. 16 /31A
peak value at
120/230Vac, 40°C
and cold start
DC Input
88-375Vdc
Efficiency
76.8 / 77.2%
at 120 / 230Vac
Losses
4.6 / 4.5W
at 120 / 230Vac
Temperature range -10°C to +70°C
operational
Derating
0.4W/°C
+60 to +70°C
Hold-up time
typ. 45 / 186ms
at 120 / 230Vac
Dimensions
22.5x75x91mm
WxHxD
Weight
130g / 0.29lb
ORDER NUMBERS
Power Supply
ML15.051
5V Standard unit
MARKINGS
UL 508
UL 60950-1
NEC Class 2
Class I Div 2
CSA 22.2 No107.1
Marine
EMC, LVD, RoHS
Mar. 2013 / Rev. 2.1 DS-ML15.051-EN
All parameters are specified at 5V, 3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - ML15.051

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML15.121 PULS-ML15.121 Datasheet
534Kb / 23P
12V, 1.3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
24V, 0.63A, SINGLE PHASE INPUT
More results

Similar Description - ML15.051

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA30 SANYO-DBA30 Datasheet
92Kb / 2P
3A Single-Phase Bridge Rectifier
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
logo
Rohm
BD6965NUX ROHM-BD6965NUX_12 Datasheet
492Kb / 16P
5V Single-phase Full wave
BD6966NUX ROHM-BD6966NUX_12 Datasheet
494Kb / 16P
5V Single-phase Full-wave
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
5V Single-phase Full wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
5V Single-phase Full wave
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com