Electronic Components Datasheet Search
  English  ▼

X  

ML15.241 Datasheet(PDF) 17 Page - PULS GmbH

Part # ML15.241
Description  24V, 0.63A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.241 Datasheet(HTML) 17 Page - PULS GmbH

Back Button ML15.241 Datasheet HTML 13Page - PULS GmbH ML15.241 Datasheet HTML 14Page - PULS GmbH ML15.241 Datasheet HTML 15Page - PULS GmbH ML15.241 Datasheet HTML 16Page - PULS GmbH ML15.241 Datasheet HTML 17Page - PULS GmbH ML15.241 Datasheet HTML 18Page - PULS GmbH ML15.241 Datasheet HTML 19Page - PULS GmbH ML15.241 Datasheet HTML 20Page - PULS GmbH ML15.241 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ML15.241
MiniLine-2
24V, 0.63A, SINGLE PHASE INPUT
21. ACCESSORY
21.1. MLY10.241 - REDUNDANCY MODULE
The MLY10.241 is a dual redundancy module, which has two diodes with
a common cathode included. It can
be used for various purposes. The
most popular application is to
configure highly reliable and true
redundant power supply systems.
Another interesting application is
the separation of sensitive loads
from non-sensitive loads. This avoids
the distortion of the power quality
for the sensitive loads which can
cause controller failures.
MLY10
IN 1
+ - + -
L
N
ML15.241
L
N
Output
Input
+ +
-
ML15.241
L
N
Output
Input
+ +
-
Output
Load
+
- -
+ -
IN 2
Voltage
Monitor
Mar. 2013 / Rev. 2.1 DS-ML15.241-EN
All parameters are specified at 24V, 0.63A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com