Electronic Components Datasheet Search
  English  ▼

X  

ML30.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML30.100
Description  NEC Class 2 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.100 Datasheet(HTML) 2 Page - PULS GmbH

  ML30.100 Datasheet HTML 1Page - PULS GmbH ML30.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC100-240V (Wide Range), 47...63Hz
Admiss. limits: AC 85...264V (DC 85...375V)
Input current
<0.6A (@ AC 100V, 30W Pout)
<0.35A (@ AC 196V, 30W Pout)
External Fusing
Not required, unit provides internal fuse
(T3AH, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V / 1.3ms), over entire load range
Hold-up time
(see diagram below)
>190ms bei AC 230V, 24V / 1.3A
>107ms @ AC 196V, 24V / 1.3A
>19ms @ AC 100V, 24V / 1.3A
Efficiency, Reliability
Efficiency
Losses
typ. 87.5% (AC 230V, 24V / 1.3A)
(see also diagram below)
typ. 4.5W
(AC 230V, 24V / 1.3A)
MTBF (Reliability)
ca. 650.000h acc. to Siemensnorm SN 29500
(24V/1.3A, AC 230V, Tamb = +40°C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100%)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid on
three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• B x H x T
•Weight
45mm x 75mm x 91mm (+ DIN Rail)
Depth incl. terminals: 98mm (+ DIN Rail)
230g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN-Rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free:
2 terminals per output
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Diagrams
0
5
10
15
20
25
30
0,0
0,5
1,0
1,5
2,0
2,5
230V ACin
100-120V ACin
Ausgangsstrom Iout [A]
72
74
76
78
80
82
84
86
88
90
0,3
0,5
0,7
0,9
1,1
1,3
100 V ACin
120 V ACin
230 V ACin
Output current Iout [A]
0
20
40
60
80
100
120
90,0
125,0
160,0
195,0
230,0
Pout=30W, typ.
Pout=30W, min.
Pout=15W, typ.
Pout=15W, min.
Input voltage V ACin [V]
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 24V, typ.)
(@ Vout = 24V, typ. + min.)
-10
0
10 20
30 40
50
60 70
20
30
10
0
a
b
Mounting
85-264 V ACin A-a A-a A-b
85-370 V DCin B-a B-a B-b
B
A
Derating
of output power
Ambient Temperature [°C]
40
Vout range
Output
Output voltage
• preset
DC 24-28V, adj. by front panel potentiometer
24.5V ±0.5%
Voltage regulation
stat. 0.5% Vout, dyn. ±2% Vout overall
Ripple/Noise
<50mVPP (20MHz bandw., 50 Ω−measurem.)
Overvoltage prot. (OVP) <40V
Output noise
suppression
EMI values below EN 61000-6-3, even when us-
ing long (>2m), unscreened output cables
Rated continuous
loading
up to 1.3A (convection cooling)
depending on built-in orientation, Vin and Tamb;
for details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at
overload/short-circuit, instead: up to 1.5
⋅ Irated.
So you need no oversizing to start awkward
loads.
Protection
Unit is protected against (also permanent)
short-circuit, overload and open-circuit
Derating
depending on built-in orientation;
see diagram below
Parallel operation
Yes
Power back immunity
35V
Operation indicator
Green LED (DC ON)
Environmental Data, EMC, Safety
Ambient temperature range (measured 25mm below unit)
• storage, transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022) incl. output noise
suppression
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN60950, VDE0100/T.410), PELV (EN50178)
Class I (EN60950) / IP20 (EN60529)
The PSU complies with all major safety approvals for EU (EN 60 950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950). NEC Class 2 Power Supply and Hazardous Locati-
on Class I Div. 2 (UL 1604)
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation
Technical Data ML30.100
Product information (ML30e100 / 040629), Rev.: 29. June 2004
Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They are subject to change without prior notice..
PULS GmbH, Arabellastr. 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-299, E-Mail: sales@puls-power.com
www.puls-power.com
Spri
ng C
lam
ps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com