Electronic Components Datasheet Search
  English  ▼

X  

MB10S Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MB10S
Description  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MB10S Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  MB10S Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MB10S Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB1S THRU MB10S
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: MBS molded plastic body
Epoxy:
Terminals: Plated leads solderable per MIL-STD-750,method 2026
Any
Weight: 0.0044ounce, 0.125 gram
UL94V-0 rate flame retardant
Mounting Position:
Note: 1.On glass epoxy P C B mounted on 0 05 0 05 1 3 1 3mm pads
.. .
.
. "( .
.
)
.
××
(Rating at 25 C ambient temperature unless otherwise specified. Single phase ,half wave ,
resistive or inductive
load. For capacitive load,derate current by 20%.)
60H ,
Z
2.Measured at 1MH and applied reverse voltage of 4.0 Volts.
Z
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated chip junction
Rating to 1000V PRV
Ideal for printed circuit board
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Maximum
Peak Reverse Voltage
Recurrent
VRRM
Volts
Volts
Volts
Volts
A
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 1.0 A DC
Operating junction and storage temperature
range
Typical junction capacitance(Note2)
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
C
TJ
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
R
SEMICONDUCTOR
Symbols
Units
MB1S
Maximum DC Reverse Current
at rated DC blocking voltage
T =125 C
A
T =25 C
A
MB2S
MB4S
MB6S
MB8S
MB10S
1.0
30
1.1
5
100
15
℃/W
R JA
Typical thermal resistence Note1
()
75
-55 to +150
SURFACE MOUNT
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage: 100 to 1000 Volts
Forward Current: 1.0 Amps
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1
0.031(0.8)
0.019(0.5)
0.106(2.7)
0.090(2.3)
0.252(7.0)
0.236(6.4)
0.165(4.1)
0.142(3.6)
0.043(1.1)
0.028(0.7)
0.069(1.7)
0.051(1.3)
0.014(0.35)
0.006(0.15)
0.106(2.7)
0.090(2.3)
Dimensions in inches and (millimeters)
MBS
0.193(4.9)
0.177(4 )
.5
0.008(0.20)
0.002(0.05)
R JC
30
::
- -
REV A
DATE
2013 08 13


Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MB10S YANGJIE-MB10S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
MB10S GOOD-ARK-MB10S Datasheet
146Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Daya Electric Group Co....
MB10S DAYA-MB10S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S GXELECTRONICS-DB151S Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S JINGHENG-MB1S Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jingheng (Group) ...
B1S JINANJINGHENG-B1S_17 Datasheet
51Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com