Electronic Components Datasheet Search
  English  ▼

X  

X9258 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9258
Description  Quad Digital Controlled Potentiometers (XDCP)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9258 Datasheet(HTML) 4 Page - Xicor Inc.

  X9258 Datasheet HTML 1Page - Xicor Inc. X9258 Datasheet HTML 2Page - Xicor Inc. X9258 Datasheet HTML 3Page - Xicor Inc. X9258 Datasheet HTML 4Page - Xicor Inc. X9258 Datasheet HTML 5Page - Xicor Inc. X9258 Datasheet HTML 6Page - Xicor Inc. X9258 Datasheet HTML 7Page - Xicor Inc. X9258 Datasheet HTML 8Page - Xicor Inc. X9258 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
X9258
Characteristics subject to change without notice.
4 of 22
REV 1.1.7 2/4/03
www.xicor.com
Figure 1. Slave Address
The next four bits of the slave address are the device
address. The physical device address is defined by the
state of the A0-A3 inputs. The X9258 compares the
serial data stream with the address input state; a
successful compare of all four address bits is required
for the X9258 to respond with an acknowledge. The
A0–A3 inputs can be actively driven by CMOS input
signals or tied to VCC or VSS.
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms nonvolatile write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9258
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9258 is still busy with the write operation no ACK will
be returned. If the X9258 has completed the write
operation an ACK will be returned and the master can
then proceed with the next operation.
ACK Polling Sequence
Instruction Structure
The next byte sent to the X9258 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next four
bits point to one of the two pots and when applicable
they point to one of four associated registers. The
format is shown below in Figure 2.
1
00
A3
A2
A1
A0
Device Type
Identifier
Device Address
1
Nonvolatile Write
Command Completed
EnterACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
No
Yes
Yes
Proceed
Issue STOP
No
Proceed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com