Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 118 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 118 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 114Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 115Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 117Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 120Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 121Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 122Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 164 page
background image
www.Rose-Bopla.com
116
Series
Type
Location
4949
54
4951,
4961,
4981
4990
OR OTHER TYPE
0 - 1800 mm
0001
1801 - 2300 mm
0002
2301 - 2800 mm
0003
2801 - 3300 mm
0004
Type
Hinge Location (facing door)
Configuration
Hinged Front Door
Left
Right
Top
Bottom
Hinged Rear Door
Left
Right
Top
Bottom
0 - 1 Door
01
Hinged Front Clear Door
Left
Right
Top
Bottom
2 Doors
02
Hinged Rear Clear Door
Left
Right
Top
Bottom
3 Doors
03
External Size
160 mm
01
240 mm
+
01
320 mm
+
02
160 mm
+
160 mm
03
240 mm
+
240 mm
03
160 mm
+
240 mm
03
240 mm
+
320 mm
04
240 mm
+
160 mm
03
320 mm
+
240 mm
04
160 mm
+
320 mm
03
320 mm
+
320 mm
04
320 mm
+
160 mm
03
Flush Square Door
Door Handle/Latch
Locking Door Handle w/Key
Lock With Key
Front
Front
Front
Rear
Rear
Rear
Clear
Clear
Clear
Type
Location
¼ Handle Horizontal (set of two)
Front
Rear
N/A
¼ Handle Vertical (set of two)
Front
Rear
N/A
Type
Location
Grained / Clear Anodized
Front
Rear
Grained / Black Anodized
Front
Rear
Mill Finish / Painted
Front
Rear
None
Front
Rear
Grained / Clear Anodized
Front
Rear
N/A
Mill Finish / Painted
H
mm
/
W
mm
N/A
5400 Ordering Guide
COUPLING HOLE
YES
NO
ENCLOSURE
HEIGHT / WIDTH
DOORS
ENCLOSURE
BODY DEPTH
DOOR LOCK / LATCH
1/4 WRAP HANDLES
FRONT / REAR
PANELS
19" ADAPTER PLATES
INTERNAL MOUNTING
PLATES
Notes or Special Instructions:
Start at the top of this guide and work down, considering all options required. Circle
required options and corresponding part numbers. You will build a 10 digit part number, eg.,
54000102 02, plus assembly options. Then, call a Rose
+Bopla sales person and they will give
you pricing, internal dimensions and coupling hole options for the enclosure you designed.
Please Circle All Items Required
NOTE: One Inch equals 25.4 mm
CONSOLE HOLE LOCATION GUIDE
Vertical
Top
Horizontal
Top
Left
Right
Left
Right
Bottom
Bottom
Description
ROSE P.N.
External Size
Circumference
Height
____________________mm
____________________mm
____________________mm
____________________mm
Inside Usable Height
_________________mm
Inside Usable Width
_________________mm
Width
____________________mm
____________________mm
____________________mm
____________________mm
Inside Usable Depth
_____________________mm
Engrave
per Dwg #_______________________________
Machine
per Dwg #_______________________________
Silkscreen per Dwg #_______________________________
Paint Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com