Electronic Components Datasheet Search
  English  ▼

X  

8406000000 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 8406000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8406000000 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 8406000000 Datasheet HTML 14Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 15Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 16Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 17Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 18Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 19Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 20Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 21Page - List of Unclassifed Manufacturers 8406000000 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 164 page
background image
TS
DIN rails for
terminals
www.Rose-Bopla.com
16
Mounting
Plate
Thickness
in mm
TS 35 6)
• Robust enclosure for automation engineering
• Universal construction
Fiberglass Watertight 02
Included in delivery
Fiberglass enclosure consisting of lid, base, seal, and
captive stainless steel lid screws.
Technical Data
Material
Ingress Protection
Impact Resistance
Flammability
Insulation
Temperature Resistance
Disruptive Strength
Toxicity
Surface Resistance
Color
Glassfiber-reinforced, duroplastic Polyester
IP 66 to EN 60529
>7 Nm, EN 50014
UL 94 V0
Fully insulated to VDE 100
Neoprene gasket: -40°F to +212°F
Silicone gasket: -76°F to +266°F
Polyurethane gasket: -40°F to +194°F
18 KV/mm
Halogen-free
>1012 Ohm VDE 0303 DIN 53482
Gray, similar to RAL 7000, special colors on request
UL 508
UL 50
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Part Number
Dimensions
mm
Dimensions
Inches
External
brackets
pair
2)
External
aluminum
hinges, pair
3)
Allen lid
screws
2)
Silicone lid
seal up to
257°F
02060603 00
02060606 00
02080806 00
02080808 00
02081106 00
02081108 00
02081606 00
02081608 00
02081906 00
02081908 00
02082306 00
02082308 00
02103208 00
02121209 00
02122209 00
02161609 00
02162609 00
02163609 00
02165609 00
02252612 00
02252616 00
02254012 00
02254016 00
02256012 00
02363609 00
02414012 00
W x L x H
W x L x H
TS 15
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
25)
25)
25)
25)
1.51)
1.51)
1.51)
2.51)
2.51)
2.51)
2.51)
2.01)
2.01)
2.01)
2.01)
2.01)
2.01)
2.01)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
55 x 55 x 37
55 x 55 x 59
75 x 80 x 55
75 x 80 x 75
75 x 110 x 55
75 x 110 x 75
75 x 160 x 55
75 x 160 x 75
75 x 190 x 55
75 x 190 x 75
75 x 230 x 55
75 x 230 x 75
100 x 320 x 80
120 x 122 x 90
120 x 220 x 90
160 x 160 x 90
160 x 260 x 90
160 x 360 x 90
160 x 560 x 90
250 x 255 x 120
250 x 255 x 160
250 x 400 x 120
250 x 400 x 160
250 x 600 x 120
360 x 360 x 90
405 x 400 x 120
2.17 x 2.17 x 1.46
2.17 x 2.17 x 2.32
2.95 x 3.15 x 2.20
2.95 x 3.15 x 2.95
2.95 x 4.33 x 2.20
2.95 x 4.33 x 2.95
2.95 x 6.30 x 2.20
2.95 x 6.30 x 2.95
2.95 x 7.48 x 2.20
2.95 x 7.48 x 2.95
2.95 x 9.06 x 2.20
2.95 x 9.06 x 2.95
2.95 x 12.60 x 3.19
4.72 x 4.80 x 3.58
4.72 x 8.66 x 3.58
6.30 x 6.30 x 3.58
6.30 x 10.24 x 3.58
6.30 x 14.17 x 3.58
6.30 x 22.05 x 3.58
9.84 x 10.04 x 4.76
9.84 x 10.04 x 6.34
9.84 x 15.75 x 4.76
9.84 x 15.75 x 6.34
9.84 x 23.62 x 4.76
14.17 x 14.17 x 3.58
15.94 x 15.94 x 4.76
1)
Galvanized steel
2)
Stainless steel
3) Plastic cover insulated
5) Laminated paper
6) TS 32 on request
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com